| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STW81101AT bảng dữ liệu(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STW81101AT bảng dữ liệu(HTML) 8 Page - STMicroelectronics |
|
8 / 42 page ![]() Block diagram and pin configuration STW81101 8/42 15 TEST2 Test input 2 Test purpose only; must be connected to GND 16 REF_CLK Reference clock input 17 VDD_PLL PLL digital power supply 18 EXTVCO_INN External VCO negative input Test purpose only; must be connected to GND 19 EXTVCO_INP External VCO positive input Test purpose only; must be connected to GND 20 VDD_BUFVCO VCO buffer power supply 21 DBUS_SEL Digital Bus Interface select CMOS Input 22 VDD_DBUS SPI and I2C bus power supply 23 EXT_PD Power down hardware CMOS Input 24 SDA/DATA I2CBUS/SPI data line CMOS Bidir Schmitt triggered 25 SCL/CLK I2CBUS/SPI clock line CMOS Input 26 ADD0/LOAD I2CBUS address select pin/ SPI load line CMOS Input 27 ADD1 I2CBUS address select pin CMOS Input 28 ADD2 I2CBUS address select pin CMOS Input Table 1. Pin description (continued) Pin No Name Description Observation |