công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

23000381 bảng dữ liệu(PDF) 9 Page - Toshiba Semiconductor

tên linh kiện 23000381
Giải thích chi tiết về linh kiện  COLOR TELEVISION
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

23000381 bảng dữ liệu(HTML) 9 Page - Toshiba Semiconductor

Back Button 23000381 Datasheet HTML 5Page - Toshiba Semiconductor 23000381 Datasheet HTML 6Page - Toshiba Semiconductor 23000381 Datasheet HTML 7Page - Toshiba Semiconductor 23000381 Datasheet HTML 8Page - Toshiba Semiconductor 23000381 Datasheet HTML 9Page - Toshiba Semiconductor 23000381 Datasheet HTML 10Page - Toshiba Semiconductor 23000381 Datasheet HTML 11Page - Toshiba Semiconductor 23000381 Datasheet HTML 12Page - Toshiba Semiconductor 23000381 Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
– 9 –
4. SELECTING THE ADJUSTING ITEMS
1) Every pressing of CHANNEL s button in the service mode changes the adjustment items in the order of table-2.
(t button for reverse order)
Refer to table-2 for preset data of adjustment mode.
(See SETTING & ADJUSTING DATA on page 14)
5. ADJUSTING THE DATA
1) Pressing of VOLUME s or t button will cahnge the value of data in the range from 00H to FFH. The variable range
depends on the adjusting item.
6. EXIT FROM SERVICE MODE
1) Pressing POWER button to turn off the TV once.
s
INITIALIZATION OF MEMORY DATA OF QA02 AND QA04
After replacing QA02 and QA04, the following initialization is required.
1. Enter the service mode, then select any register item.
2. Press and hold the RECALL button on the Remote, then press the CHANNEL s button on the TV. The initialization of QA02
and QA04 has been complated.
3. Check the picture carefully. If necessary, adjust any adjustment item above.
Perform “Programming Channel Memory” on the owner's manual.
CAUTION: Never attempt to initialize the data unless QA02, QA04 has been replaced.
7. TEST SIGNAL SELECTION
1) Every pressing of TV/VIDEO button on the Remote Control in the Service mode changes the built-in test patterns
on screen in the following order.
Normal picture
All white
Signals
Picture
• All White
2) Press “8” button while any built-in test pattern to on the screen to output the 1 kHz sound. Press the button again to
cut off the sound.
Note: If the video cable is connected to the VIDEO1 INPUT jack, the built-in pattern signals are not displayed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com