công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

23000381 bảng dữ liệu(PDF) 8 Page - Toshiba Semiconductor

tên linh kiện 23000381
Giải thích chi tiết về linh kiện  COLOR TELEVISION
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

23000381 bảng dữ liệu(HTML) 8 Page - Toshiba Semiconductor

Back Button 23000381 Datasheet HTML 4Page - Toshiba Semiconductor 23000381 Datasheet HTML 5Page - Toshiba Semiconductor 23000381 Datasheet HTML 6Page - Toshiba Semiconductor 23000381 Datasheet HTML 7Page - Toshiba Semiconductor 23000381 Datasheet HTML 8Page - Toshiba Semiconductor 23000381 Datasheet HTML 9Page - Toshiba Semiconductor 23000381 Datasheet HTML 10Page - Toshiba Semiconductor 23000381 Datasheet HTML 11Page - Toshiba Semiconductor 23000381 Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
– 8 –
SERVICE MODE
1. ENTERING TO SERVICE MODE
MUTE
S
(Service mode display)
1/2 MUTE
3) While pressing the MUTE button,
press MENU button on TV set.
2) Press MUTE button
again to keep pressing.
1) Press MUTE button twice
on Remote Control.
2. DISPLAYING THE ADJUSTMENT MENU
1) Press MENU button on TV.
Adjustment mode
Press
Press
Service mode
Item
Data
S
3. KEY FUNCTION IN THE SERVICE MODE
The following key entry during display of adjustment menu provides special functions.
A single horizontal line ON/OFF:
TV (ANT)/VIDEO button (on TV)
Test signal selection :
TV (ANT)/VIDEO button (on Remote)
Selection of the adjustment items :
Channel s/t (on TV or Remote)
Change of the data value :
Volume s/t (on TV or Remote)
Adjustment menu mode ON/OFF :
MENU button (on TV)
Initialization of the memory (QA02, QA04) : RECALL+Channel (s) button on TV
Initialization of the self diagnostic data:
RECALL+Channel (t) button on TV
“RCUT” selection :
1 button
“GCUT” selection :
2 button
“BCUT” selection :
3 button
“CNTX” selection :
4 button
“COLC” selection :
5 button
“TNTC” selection :
6 button
Test audio signal ON/OFF (1kHz) :
8 button
Self diagnostic display ON/OFF :
9 button



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com