| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM6DSRX bảng dữ liệu(PDF) 127 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSRX bảng dữ liệu(HTML) 127 Page - STMicroelectronics |
|
127 / 171 page ![]() 13.1.4 MAG_OFFZ_L (C4h) and MAG_OFFZ_H (C5h) Offset for Z-axis hard-iron compensation register (r/w). The value is expressed as half-precision floating-point format: SEEEEEFFFFFFFFFF (S: 1 sign bit; E: 5 exponent bits; F: 10 fraction bits). Table 304. MAG_OFFZ_L register MAG_ OFFZ_7 MAG_ OFFZ_6 MAG_ OFFZ_5 MAG_ OFFZ_4 MAG_ OFFZ_3 MAG_ OFFZ_2 MAG_ OFFZ_1 MAG_ OFFZ_0 Table 305. MAG_OFFZ_L register description MAG_OFFZ_[7:0] Offset for Z-axis hard-iron compensation (LSbyte). Default value: 00000000 Table 306. MAG_OFFZ_H register MAG_ OFFZ_15 MAG_ OFFZ_14 MAG_ OFFZ_13 MAG_ OFFZ_12 MAG_ OFFZ_11 MAG_ OFFZ_10 MAG_ OFFZ_9 MAG_ OFFZ_8 Table 307. MAG_OFFZ_H register description MAG_OFFZ_[15:8] Offset for Z-axis hard-iron compensation (MSbyte). Default value: 00000000 13.1.5 MAG_SI_XX_L (C6h) and MAG_SI_XX_H (C7h) Soft-iron (3x3 symmetric) matrix correction register (r/w). The value is expressed as half-precision floating-point format: SEEEEEFFFFFFFFFF (S: 1 sign bit; E: 5 exponent bits; F: 10 fraction bits). Table 308. MAG_SI_XX_L register MAG_SI_ XX_7 MAG_SI_ XX_6 MAG_SI_ XX_5 MAG_SI_ XX_4 MAG_SI_ XX_3 MAG_SI_ XX_2 MAG_SI_ XX_1 MAG_SI_ XX_0 Table 309. MAG_SI_XX_L register description MAG_SI_XX_[7:0] Soft-iron correction row1 col1 coefficient (LSbyte). Default value: 00000000 Table 310. MAG_SI_XX_H register MAG_SI_ XX_15 MAG_SI_ XX_14 MAG_SI_ XX_13 MAG_SI_ XX_12 MAG_SI_ XX_11 MAG_SI_ XX_10 MAG_SI_ XX_9 MAG_SI_ XX_8 Table 311. MAG_SI_XX_H register description MAG_SI_XX_[15:8] Soft-iron correction row1 col1 coefficient (MSbyte). Default value: 00111100 LSM6DSRX Page 0 - Embedded advanced features registers DS13007 - Rev 3 page 127/171 |