| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM6DSRX bảng dữ liệu(PDF) 126 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSRX bảng dữ liệu(HTML) 126 Page - STMicroelectronics |
|
126 / 171 page ![]() 13.1.2 MAG_OFFX_L (C0h) and MAG_OFFX_H (C1h) Offset for X-axis hard-iron compensation register (r/w). The value is expressed as half-precision floating-point format: SEEEEEFFFFFFFFFF (S: 1 sign bit; E: 5 exponent bits; F: 10 fraction bits). Table 296. MAG_OFFX_L register MAG_ OFFX_7 MAG_ OFFX_6 MAG_ OFFX_5 MAG_ OFFX_4 MAG_ OFFX_3 MAG_ OFFX_2 MAG_ OFFX_1 MAG_ OFFX_0 Table 297. MAG_OFFX_L register description MAG_OFFX_[7:0] Offset for X-axis hard-iron compensation (LSbyte). Default value: 00000000 Table 298. MAG_OFFX_H register MAG_ OFFX_15 MAG_ OFFX_14 MAG_ OFFX_13 MAG_ OFFX_12 MAG_ OFFX_11 MAG_ OFFX_10 MAG_ OFFX_9 MAG_ OFFX_8 Table 299. MAG_OFFX_H register description MAG_OFFX_[15:8] Offset for X-axis hard-iron compensation (MSbyte). Default value: 00000000 13.1.3 MAG_OFFY_L (C2h) and MAG_OFFY_H (C3h) Offset for Y-axis hard-iron compensation register (r/w). The value is expressed as half-precision floating-point format: SEEEEEFFFFFFFFFF (S: 1 sign bit; E: 5 exponent bits; F: 10 fraction bits). Table 300. MAG_OFFY_L register MAG_ OFFY_7 MAG_ OFFY_6 MAG_ OFFY_5 MAG_ OFFY_4 MAG_ OFFY_3 MAG_ OFFY_2 MAG_ OFFY_1 MAG_ OFFY_0 Table 301. MAG_OFFY_L register description MAG_OFFY_[7:0] Offset for Y-axis hard-iron compensation (LSbyte). Default value: 00000000 Table 302. MAG_OFFY_H register MAG_ OFFY_15 MAG_ OFFY_14 MAG_ OFFY_13 MAG_ OFFY_12 MAG_ OFFY_11 MAG_ OFFY_10 MAG_ OFFY_9 MAG_ OFFY_8 Table 303. MAG_OFFY_H register description MAG_OFFY_[15:8] Offset for Y-axis hard-iron compensation (MSbyte). Default value: 00000000 LSM6DSRX Page 0 - Embedded advanced features registers DS13007 - Rev 3 page 126/171 |