công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LSM6DSOX bảng dữ liệu(PDF) 123 Page - STMicroelectronics

tên linh kiện LSM6DSOX
Giải thích chi tiết về linh kiện  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOX bảng dữ liệu(HTML) 123 Page - STMicroelectronics

Back Button LSM6DSOX Datasheet HTML 119Page - STMicroelectronics LSM6DSOX Datasheet HTML 120Page - STMicroelectronics LSM6DSOX Datasheet HTML 121Page - STMicroelectronics LSM6DSOX Datasheet HTML 122Page - STMicroelectronics LSM6DSOX Datasheet HTML 123Page - STMicroelectronics LSM6DSOX Datasheet HTML 124Page - STMicroelectronics LSM6DSOX Datasheet HTML 125Page - STMicroelectronics LSM6DSOX Datasheet HTML 126Page - STMicroelectronics LSM6DSOX Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 199 page
background image
13.17
MLC_STATUS (15h)
Machine Learning Core status register (r).
Table 271. MLC_STATUS register
IS_MLC8
IS_MLC7
IS_MLC6
IS_MLC5
IS_MLC4
IS_MLC3
IS_MLC
IS_MLC1
Table 272. MLC_STATUS register description
IS_MLC8
Interrupt status bit for MLC8 interrupt event.
(1: interrupt detected; 0: no interrupt)
IS_MLC7
Interrupt status bit for MLC7 interrupt event.
(1: interrupt detected; 0: no interrupt)
IS_MLC6
Interrupt status bit for MLC6 interrupt event.
(1: interrupt detected; 0: no interrupt)
IS_MLC5
Interrupt status bit for MLC5 interrupt event.
(1: interrupt detected; 0: no interrupt)
IS_MLC4
Interrupt status bit for MLC4 interrupt event.
(1: interrupt detected; 0: no interrupt)
IS_MLC3
Interrupt status bit for MLC3 interrupt event.
(1: interrupt detected; 0: no interrupt)
IS_MLC2
Interrupt status bit for MLC2 interrupt event.
(1: interrupt detected; 0: no interrupt)
IS_MLC1
Interrupt status bit for MLC1 interrupt event.
(1: interrupt detected; 0: no interrupt)
LSM6DSOX
MLC_STATUS (15h)
DS12814 - Rev 3
page 123/199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More