| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM6DSOX bảng dữ liệu(PDF) 75 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSOX bảng dữ liệu(HTML) 75 Page - STMicroelectronics |
|
75 / 199 page ![]() 9.39 FSM_STATUS_B_MAINPAGE (37h) Finite State Machine status register (r). Table 112. FSM_STATUS_B_MAINPAGE register IS_FSM16 IS_FSM15 IS_FSM14 IS_FSM13 IS_FSM12 IS_FSM11 IS_FSM10 IS_FSM9 Table 113. FSM_STATUS_B_MAINPAGE register description IS_FSM16 Interrupt status bit for FSM16 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM15 Interrupt status bit for FSM15 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM14 Interrupt status bit for FSM14 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM13 Interrupt status bit for FSM13 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM12 Interrupt status bit for FSM12 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM11 Interrupt status bit for FSM11 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM10 Interrupt status bit for FSM10 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM9 Interrupt status bit for FSM9 interrupt event. (1: interrupt detected; 0: no interrupt) LSM6DSOX FSM_STATUS_B_MAINPAGE (37h) DS12814 - Rev 3 page 75/199 |