| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM6DSOX bảng dữ liệu(PDF) 115 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSOX bảng dữ liệu(HTML) 115 Page - STMicroelectronics |
|
115 / 199 page ![]() 13.9 MLC_INT1 (0Dh) Each bit in this register enables a signal to be carried through INT1. The pin's output will supply the OR combination of the selected signals. Table 255. MLC_INT1 register INT1_MLC8 INT1_MLC7 INT1_MLC6 INT1_MLC5 INT1_MLC4 INT1_MLC3 INT1_MLC2 INT1_MLC1 Table 256. MLC_INT1 register description INT1_MLC8 Routing of MLC8 interrupt event on INT1. Default value: 0 (0: routing on INT1 disabled; 1: routing on INT1 enabled) INT1_MLC7 Routing of MLC7 interrupt event on INT1. Default value: 0 (0: routing on INT1 disabled; 1: routing on INT1 enabled) INT1_MLC6 Routing of MLC6 interrupt event on INT1. Default value: 0 (0: routing on INT1 disabled; 1: routing on INT1 enabled) INT1_MLC5 Routing of MLC5 interrupt event on INT1. Default value: 0 (0: routing on INT1 disabled; 1: routing on INT1 enabled) INT1_MLC4 Routing of MLC4 interrupt event on INT1. Default value: 0 (0: routing on INT1 disabled; 1: routing on INT1 enabled) INT1_MLC3 Routing of MLC3 interrupt event on INT1. Default value: 0 (0: routing on INT1 disabled; 1: routing on INT1 enabled) INT1_MLC2 Routing of MLC2 interrupt event on INT1. Default value: 0 (0: routing on INT1 disabled; 1: routing on INT1 enabled) INT1_MLC1 Routing of MLC1 interrupt event on INT1. Default value: 0 (0: routing on INT1 disabled; 1: routing on INT1 enabled) LSM6DSOX MLC_INT1 (0Dh) DS12814 - Rev 3 page 115/199 |