| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L99MOD51XP bảng dữ liệu(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99MOD51XP bảng dữ liệu(HTML) 26 Page - STMicroelectronics |
|
26 / 33 page ![]() Functional description of the SPI L99MOD51XP 26/33 DS12667 Rev 6 12 Not used Thermal shutdown In case of a thermal shutdown all outputs are switched off. The microcontroller has to clear the TSD bit by setting the reset bit to reactivate the outputs. 11 Not used Temperature warning This bit is for information purpose only. It can be used for a thermal management by the microcontroller to avoid a thermal shutdown. Table 19. SPI - Input data and status register 1 (continued) Input register 1 (write) Status register 1 (read) Bit Name Comment Name Comment |