| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
76232103 bảng dữ liệu(PDF) 18 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
76232103 bảng dữ liệu(HTML) 18 Page - Toshiba Semiconductor |
|
18 / 70 page ![]() – 18 – Auto fine tuning (AFT) If the signal frequency is unstable due to environmental conditions, use auto fine tuning. 1 Select the position number where the channel you want to fine-tune with CH s/t or the digit selection and number buttons (-/--, 0~9). Note When the position is set to “AFT OFF” status, the “R” mark appears to the left of the position number. 25 When the channel is set to “AFT ON” status,the position number is displayed without the “R” mark. 2 Press MENU then < / > to highlight the “SETUPCH???? SET UP” icon. 3 Press / to select“AFT”.Press < / > to select the “ON” indication. ASM OK SKIP OFF SEARCH [ < ] [ > ] POSITION P25 MEMORY OK MFT [ < ] [ > ] AFT ON SET UP FUNC. AUDIO PICTURE TIMER F CH ???? SELECT ADJUST Notes • When you operate MFT, AFT is switched “OFF” automatically. If you switch on AFT after fine tuning with MFT, MFT may be canceled. • AFT may be set independently for each position. To skip a position number After presetting the channels, you may skip unnecessary position numbers so that only the channels you want to watch are selected using CH s/t. 1 First, select the position number to be skipped with CH s/t or digit selection and number buttons (-/--, 0~9). 2 Highlight the “SETUPCH???? SET UP” icon and press / to select “SKIP”. ASM OK SKIP OFF SEARCH [ < ] [ > ] POSITION P12 MEMORY OK MFT [ < ] [ > ] AFT ON SET UP FUNC. AUDIO PICTURE TIMER F CH ???? SELECT ADJUST 3 Press < / > to set“SKIP”to“ON”.This completes the setting for skipping the selected position number. Notes • When “SKIP” is set to “ON” for the selected position number, a “ * ” mark appears to the left of the position number. The position number will then be skipped when you select the position with the CH s/t buttons. • If you want to restore a skipped position number, select it using the -/-- and 0~9 buttons then switch the “SKIP” setting to “OFF”. Manual fine tuning (MFT) The adjustments below are not necessary under normal conditions. However, under some reception conditions, fine tuning may be necessary to improve the picture quality. In such cases, adjust the manual fine tuning (MFT). 1 Select the position number where the channel you want to fine-tune with CH s/t or digit selection and number buttons (-/--, 0~9). 2 Press MENU and then < / > to highlight the “SETUPCH???? SET UP” icon. 3 Press / to select “MFT”.Press < / > to start fine tuning. Press < / > repeatedly until the best possible picture and sound are obtained. ASM OK SKIP OFF SEARCH [ < ] [ > ] POSITION P04 MEMORY OK MFT [ < ] [ > ] AFT ON SET UP FUNC. AUDIO PICTURE TIMER F CH ???? SELECT ADJUST 12 |