| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
76232103 bảng dữ liệu(PDF) 5 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
76232103 bảng dữ liệu(HTML) 5 Page - Toshiba Semiconductor |
|
5 / 70 page ![]() – 5 – (5) Adjust the sub-4-pole magnets only in case there is any deviation of Xv bow-shaped convergence. (To be usually set at the initial position) Align both sides with the sub-4-pole magnets and minimize the deviation of blue and red with the main 4-pole magnets. R CIRCUMFERENCE CONVERGENCE ADJUSTMENT * Perform correction in the following manner. blue blue red red Main 4-pole magnet red/blue red/blue green green 6-pole magnet Xv bow-shaped deviation of convergence blue red Sub-4-pole magnet A D E F A B C B C S N D E F A B C D E F N S YV YHC GH GH blue green red • Adjust coils and minimize deviation (The 27” unit has coils underneath it) blue green red (Parts code:23 948 274) TC-S Blue color or blue mark *Insert the correction piece between the picture tube and the deflection yoke. Bonded surface blue green red (Parts code:23 948 464) Transparent Bonded surface Red green blue Red green blue Adjust (YHC) and minimize the deviation of YH. Red green blue Red green blue Adjust (YV) and minimize the deviation of YV. Red blue green Red blue green Red blue green Red blue green (Insertion position of correction piece) Perform correction by inserting the correction piece into the clearance of terminal board coils of the deflection yoke. Note: Perform inser tion by turning the metal side to the terminal board side of the deflection yoke. |