| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9788 bảng dữ liệu(PDF) 190 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9788 bảng dữ liệu(HTML) 190 Page - STMicroelectronics |
|
190 / 264 page ![]() Legenda: Locked bit: Bit generated as pulse Bit in satellite logic, not affected by reset matrix clear conditions. EN-DRIVERS 0 11 00 01 1 0 0 1 1 0 0 1 DISABLE-DRIVERS 0 1 1 0 0 0 1 0 1 1 0 0 1 1 0 MRD_ON 01 10 00 1 1 1 0 0 0 1 1 1 MRD_OFF 0 11 00 01 0 0 1 1 1 0 0 0 MRD_UC 01 10 00 1 1 1 0 1 1 0 1 1 STR2_ON 0 10 01 00 0 0 1 0 1 0 1 0 STR2_OFF 01 00 10 0 1 1 0 1 0 1 0 1 STR3_ON 0 10 01 00 0 0 0 0 1 1 0 0 STR3_OFF 01 00 10 0 1 1 1 1 0 0 1 1 RLY4_ON 0 10 01 00 0 0 1 1 0 0 1 1 RLY4_OFF 01 00 10 0 1 1 0 0 1 1 0 0 Locked bit Bit generated as pulse Address Default value Bit in satellite logic, not affected by reset matrix clear conditions Table 91. MSC Interface DOWN STREAM FRAME Bit Map (continued) ADDRESS DATA C0 C1 C2 C3 C4 C5 C6 D0 D1 D2 D3 D4 D5 D6 D7 |