| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA7803A bảng dữ liệu(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7803A bảng dữ liệu(HTML) 40 Page - STMicroelectronics |
|
40 / 72 page ![]() I2S and TDM bus interface TDA7803A 40/72 DS12195 Rev 7 Figure 41. TDM 8-channel format The TDM 8 channel is expansible to TDM 16 channel (Figure 42) where both SD24 and SD13 data lines are used. All the configurations are selectable via I2C. Figure 42. TDM 16 (8+8) - channel format GAPGPS00817 TDM 8 channels: 2 devices à first and last 8 channels on line SD2_4 as following: CH1(first) – CH2 (first) – CH3(first) – CH4 (first) – CH1(last) – CH2 (last) – CH3(last) – CH4 (last) For each channel, the serial data is transmitted with the MSB first. SCK WS 1 T SCK t h,min t h,max XX XX XX SD24 IB3[543]=010 SD24 IB3[543]=011 CH2 CH1 CH3 CH4 CH4 CH3 X X CH2 CH1 GAPGPS00818 SCK WS 1 T SCK t h,min t h,max XX XX XX SD24 IB3[543]=010 SD24 IB3[543]=011 CH2 CH1 CH3 CH4 CH4 CH3 X X CH2 CH1 XX XX XX SD13 IB3[543]=101 SD13 IB3[543]=111 CH2 CH1 CH3 CH4 CH4 CH3 X X CH2 CH1 TDM 16 cha nnels: - 4 devices , 16 channels driven with 2 data lines - 8 channels on line SD24 and 8 channels on line SD13 - 3 bit to properly receive data: 1 bit to recognize TDM 16 channels 1 bit to select data line to use (SD24 or SD13) 1 bit to select first/last - For each channel, the serial data is transmitted with the MSB first. |