công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA7803A bảng dữ liệu(PDF) 52 Page - STMicroelectronics

tên linh kiện TDA7803A
Giải thích chi tiết về linh kiện  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7803A bảng dữ liệu(HTML) 52 Page - STMicroelectronics

Back Button TDA7803A Datasheet HTML 48Page - STMicroelectronics TDA7803A Datasheet HTML 49Page - STMicroelectronics TDA7803A Datasheet HTML 50Page - STMicroelectronics TDA7803A Datasheet HTML 51Page - STMicroelectronics TDA7803A Datasheet HTML 52Page - STMicroelectronics TDA7803A Datasheet HTML 53Page - STMicroelectronics TDA7803A Datasheet HTML 54Page - STMicroelectronics TDA7803A Datasheet HTML 55Page - STMicroelectronics TDA7803A Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 72 page
background image
I2C registers
TDA7803A
52/72
DS12195 Rev 7
10.1.7
IB6 - Subaddress "I0000110h" - default = "00000000"
Table 22. IB6 - Subaddress "I0000110h" - default = "00000000"
Bit
Instruction decoding bit
D7
D6
D5
Diagnostic pulse stretch
D4
Internal use – set “0”
D3
D2
Parallel mode Configuration
D3 D2 (like LOADA,LOADB):
D1
Internal use – set “0”
D0
Internal use – set “0”
D7
D6
D5 Diagnostic timing set
00
0
Default
0
0
1
Streched*2
0
1
0
Streched*4
0
1
1
Streched*8
1
0
0
Streched*16
Others
Default
D3
D2
Load configuration
0
0
Single channel mode on 1,2,3 & 4 channel
0
1
Parallel mode only on 1 & 2 channels
1
0
Parallel mode only on 3 & 4 channels
1
1
Parallel mode on both sides



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72