| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FDA903U bảng dữ liệu(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
FDA903U bảng dữ liệu(HTML) 18 Page - STMicroelectronics |
|
18 / 80 page ![]() Electrical specifications FDA903U 18/80 DS12498 Rev 2 Figure 18. Efficiency and power dissipation (Vs = 3.3 V, RL = 1 x 2 Ω, f = 1 kHz sine wave) Figure 19. Efficiency and power dissipation (Vs = 3.3 V, RL = 1 x 2 Ω, pink noise) Figure 20. Efficiency and power dissipation (Vs = 3.3 V, RL = 1 x 8 Ω, f = 1 kHz sine wave) Figure 21. Efficiency and power dissipation (Vs = 3.3 V, RL = 1 x 8 Ω, pink noise) Figure 22. Output power vs. supply voltage (RL = 4 Ω, sine wave) Figure 23. Output power vs. supply voltage (RL = 2 Ω, sine wave) |