| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL431BCLP bảng dữ liệu(PDF) 37 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL431BCLP bảng dữ liệu(HTML) 37 Page - Texas Instruments |
|
37 / 83 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 14-Oct-2022 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples TL431BID ACTIVE SOIC D 8 75 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 Z431B Samples TL431BIDBVR ACTIVE SOT-23 DBV 5 3000 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -40 to 85 (T3FG, T3FJ, T3FU) Samples TL431BIDBVT ACTIVE SOT-23 DBV 5 250 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -40 to 85 (T3FG, T3FJ, T3FU) Samples TL431BIDBVTG4 ACTIVE SOT-23 DBV 5 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 T3FG Samples TL431BIDBZR ACTIVE SOT-23 DBZ 3 3000 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -40 to 85 (T3F3, T3FG, T3FS, T3FU) Samples TL431BIDBZRG4 ACTIVE SOT-23 DBZ 3 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 T3F3 Samples TL431BIDBZT ACTIVE SOT-23 DBZ 3 250 RoHS & Green NIPDAU | SN | NIPDAUAG Level-1-260C-UNLIM -40 to 85 (T3F3, T3FG, T3FS, T3FU) Samples TL431BIDBZTG4 ACTIVE SOT-23 DBZ 3 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 T3F3 Samples TL431BIDCKR ACTIVE SC70 DCK 6 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 T3U Samples TL431BIDCKT ACTIVE SC70 DCK 6 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 T3U Samples TL431BIDE4 ACTIVE SOIC D 8 75 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 Z431B Samples TL431BIDG4 ACTIVE SOIC D 8 75 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 Z431B Samples TL431BIDR ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -40 to 85 Z431B Samples TL431BIDRE4 ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 Z431B Samples TL431BIDRG4 ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 Z431B Samples TL431BILP ACTIVE TO-92 LP 3 1000 RoHS & Green SN N / A for Pkg Type -40 to 85 Z431B Samples TL431BILPE3 ACTIVE TO-92 LP 3 1000 RoHS & Green SN N / A for Pkg Type -40 to 85 Z431B Samples TL431BILPR ACTIVE TO-92 LP 3 2000 RoHS & Green SN N / A for Pkg Type -40 to 85 Z431B Samples TL431BILPRE3 ACTIVE TO-92 LP 3 2000 RoHS & Green SN N / A for Pkg Type -40 to 85 Z431B Samples TL431BIP LIFEBUY PDIP P 8 50 RoHS & Green NIPDAU N / A for Pkg Type -40 to 85 TL431BIP Addendum-Page 5 |