| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
F39-TGR-CVL-B-10-R bảng dữ liệu(PDF) 32 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
F39-TGR-CVL-B-10-R bảng dữ liệu(HTML) 32 Page - Omron Electronics LLC |
|
32 / 98 page ![]() 14 Fixed Blanking with Floating Blanking Section 5-3 5-3 Fixed Blanking with Floating Blanking !WARNING Use of Fixed Blanking and Floating Blanking will make MS4800 system less sensitive to objects in the detection zone. Improper use of these features can result in severe injury to personnel. Fixed Blanking may require a hard barrier guard. Fixed Blanking and Floating Blanking may require an increase in the safety distance. Read the following section carefully. Possible combinations: When both Fixed Blanking and Floating Blanking are selected, the floating channels are allowed to occur anywhere within the detection zone except the area selected by Fixed Blanking. 5-3-1 The effect of Fixed or Floating Blanking on minimum object resolution When fixed Blanking and/or Floating are active, the safe mounting distance is affected. Fixed and Floating Blanking desensitize the light curtain and increase the size of the minimum detectable object. The increase is equal to the beam spacing distance for each beam that is disabled. If the size of the object detected by the system increases the minimum safe distance must also be increased. Use the minimum object sensitivity given in the following tables to determine the new figure to use when computing the safety distance. MS4800 system - 14 mm resolution MS4800 system - 30mm resolution Function Fixed Blanking Floating Blanking Fixed Blanking N/A Yes Floating Blanking Yes N/A Total number of Beams Disabled by Fixed and/or Floating Blanking Effective Resolution None 14 mm 1 Beam 24 mm 2 Beams 34 mm 3 Beams 44 mm 4 Beams 54 mm 5 Beams 64 mm > 64 mm Total number of Beams Disabled by Fixed and/or Floating Blanking Effective Resolution None 30 mm 1 Beam 50 mm > 64mm |