| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L99LD20 bảng dữ liệu(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99LD20 bảng dữ liệu(HTML) 43 Page - STMicroelectronics |
|
43 / 61 page ![]() DS11366 Rev 3 43/61 L99LD20 Electrical specifications 60 5.3 Thermal characteristics Table 31. QFN40L 6x6 thermal resistance Symbol Parameter Min Typ Max Unit Rthj-amb (1) 1. Device mounted on four layers 2s2p PCB (thermally enhanced, slug included). Thermal resistance junction to ambient (JEDEC JESD 51-2) — 32 — °C/W Rthj-board Thermal resistance junction to board (JEDEC JESD 51-8) — 11 — °C/W Rthj-case Junction-to-case thermal resistance — 7.2 — °C/W Table 32. Thermal characteristics Symbol Parameter Min Typ Max Unit TJ_OP Operating junction temperature -40 150 °C TW1 Junction temperature warning 1 120 130 140 °C TW1_HYS Temperature warning 1 hysteresis 30 °C TW2 Junction temperature warning 2 130 140 150 °C TW2_HYS Temperature warning 2 hysteresis 10 °C TTSD Junction thermal shutdown 155 165 175 °C TTSD_HYS Junction thermal shutdown hysteresis 25 °C |