| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9966 bảng dữ liệu(PDF) 104 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9966 bảng dữ liệu(HTML) 104 Page - STMicroelectronics |
|
104 / 122 page ![]() 16.23 SC_RESULT 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 - CR R (ADC1), CR (ADC2) Address: 0b1000_0011 Description: ADC result single conversion module When resistor measurement selected in SC_CONF: Table 75. SC_RESULT register bit description ([14:0] ADC_RESULT) Range Field name/description Reset Value Reset Event [15] Parity Default [14:0] ADC_RESULT= 2048*RPD/RRx in new data is available, 0x0000 otherwise ADC result is RPD/RRx represented with 4 bit integer part(bit[14:11]) and 11 bit fractional part(bit[10:0]) 0 PORn RSTn When voltage measurement selected in SC_CONF: Table 76. SC_RESULT register bit description ([14] NEW_RESULT_FLAG) Range Field name/description Reset Value Reset Event [15] Parity Default [14] NEW_RESULT_FLAG New result flag (clear on read) 0 PORn RSTn [13:12] RESERVED 00 PORn RSTn [11:0] ADC_RESULT 0000-0000-0000 PORn RSTn L9966 SC_RESULT DS12459 - Rev 10 page 104/122 |