công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L9300 bảng dữ liệu(PDF) 166 Page - STMicroelectronics

tên linh kiện L9300
Giải thích chi tiết về linh kiện  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 bảng dữ liệu(HTML) 166 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 162Page - STMicroelectronics L9300 Datasheet HTML 163Page - STMicroelectronics L9300 Datasheet HTML 164Page - STMicroelectronics L9300 Datasheet HTML 165Page - STMicroelectronics L9300 Datasheet HTML 166Page - STMicroelectronics L9300 Datasheet HTML 167Page - STMicroelectronics L9300 Datasheet HTML 168Page - STMicroelectronics L9300 Datasheet HTML 169Page - STMicroelectronics L9300 Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 182 page
background image
20
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
20.1
TQFP80 (14x14x1 mm. exp. pad up) package information
Figure 72. TQFP80 (14x14x1 mm. exp. pad up) package outline
D
E1/4
D1/4
1
D2
D3
3
N
2
Bottom view
Top view
STAND OFF < 0
STAND OFF > 0
0
GADG2906171252PS
6
3
A
B
D
D1
2
5
4
4
3
3
5
2
A
A
13
11
14
15
E3 E2
6
13
14
12
4x N/4 TIPS
aaa C A-B D
bbb H
4x
A-B D
E1/4
D1/4
E1
E
(N – 4)x e
A1
A2
A
b
C
ccc C
ddd M
D
A-B
0.05
16
H
θ2
θ1
θ
θ3
S
R1
R2
PLANE
GAUGE
B
B
L
(L1)
2
Section B-B
not to scale
(b)
b1
c1
c
WITH PLATING
BASE METAL
11
11
11
11
9
Section A-A
not to scale
L9300
Package information
DS12258 - Rev 4
page 166/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More