công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L9300 bảng dữ liệu(PDF) 140 Page - STMicroelectronics

tên linh kiện L9300
Giải thích chi tiết về linh kiện  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 bảng dữ liệu(HTML) 140 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 136Page - STMicroelectronics L9300 Datasheet HTML 137Page - STMicroelectronics L9300 Datasheet HTML 138Page - STMicroelectronics L9300 Datasheet HTML 139Page - STMicroelectronics L9300 Datasheet HTML 140Page - STMicroelectronics L9300 Datasheet HTML 141Page - STMicroelectronics L9300 Datasheet HTML 142Page - STMicroelectronics L9300 Datasheet HTML 143Page - STMicroelectronics L9300 Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 182 page
background image
[12:11] Comparators Self Test (Active) status:
00: No Fault
01: Lo Cmp Test Fail
10: Hi Cmp Test Fail
11: Both Cmps Test fail
Reset events: POR, DATA READ
[10:9] Solenoid Logic BIST Status:
00: Idle
01: BIST running
10: BIST passed
11: BIST failed
Reset events: POR
[8:7] Solenoid Diag Self Test(OFF State): OFF State Diagnostic comparators have failed self-test.
Failure may be linked to wrong internal reference, stuck condition of the comparator or real fault happened on LOADx
pin (to be cross-checked with OFF state diagnostic).
Actions on set: No actions related to this bit.
Behavior: Read operation would reset bit status
00: Self Test pass
01: DIAG_LV comparator fail
10: DIAG OL comparator fail
11: Self Test fail
Reset events: POR, DATA READ
[6] Open Load (OFF State):
0: no fault
1: Open load
Reset events: POR, DATA READ
[5] Short Detection (OFF State):
0: no fault
1: Short detected
Reset events: POR, DATA READ
[4] Solenoid A/D self check:
0: pass
1: failed
Reset events: POR, DATA READ
[3] LS clamp active:
0: no fault
1: LS clamp activated
Reset events: POR, DATA READ
[2] HS over current (ON State)
0: no fault:
1: HS over current
Reset events: POR, DATA READ
[1] LS over current (ON State)
0: no fault
1: LS over current
L9300
SPI registers map table
DS12258 - Rev 4
page 140/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More