| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9300 bảng dữ liệu(PDF) 135 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9300 bảng dữ liệu(HTML) 135 Page - STMicroelectronics |
|
135 / 182 page ![]() [9:6] High threshold: Threshold level to start the actuation. If WD_CNT is lower than the threshold actuation will be performed depending on the previous state as described on Q&A Watchdog Reset events: VB_UV, GND_LOSS, POR [5:3] Number of incremental (good) steps: Number of incremental steps for WD_CNT as consequence of a good answer. Reset events: VB_UV, GND_LOSS, POR [2:0] Number of decremental (bad) steps: Number of decrement steps for WD_CNT as consequence of an error. Reset events: VB_UV, GND_LOSS, POR L9300 SPI registers map table DS12258 - Rev 4 page 135/182 |