| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9300 bảng dữ liệu(PDF) 112 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9300 bảng dữ liệu(HTML) 112 Page - STMicroelectronics |
|
112 / 182 page ![]() WSITEST WSI Registers 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 R RW R RW Address: GLOBAL_BaseAddress + 0x02 Type: RW Reset: 0b0000 0000 0000 0000 Description: WSISTEST register stores static test configurator bit-field. This register configures a static test for WSI interface. Test consists in transferring TestBit value on a selected (by Config range) WSI output. [19:9] unused [8:2] Config range: selects one WSI output according to the following range: 1010011: DOUT4 output; 1010101: DOUT3 output; 1011001: DOUT2 output; 1010110: DOUT1 output; all others: test mode disable Reset events: VB_UV, GND_LOSS, POR [1] unused [0] WSSTP: DOUTx Output Test Value: 0: Output for selected DOUTx set ‘high’ 1: Output for selected DOUTx set ‘low’ Reset events: VB_UV, GND_LOSS, POR L9300 SPI registers map table DS12258 - Rev 4 page 112/182 |