công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ALED6000PHTR bảng dữ liệu(PDF) 36 Page - STMicroelectronics

tên linh kiện ALED6000PHTR
Giải thích chi tiết về linh kiện  Automotive 3 A single channel LED driver with integrated DC-DC converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED6000PHTR bảng dữ liệu(HTML) 36 Page - STMicroelectronics

Back Button ALED6000PHTR Datasheet HTML 32Page - STMicroelectronics ALED6000PHTR Datasheet HTML 33Page - STMicroelectronics ALED6000PHTR Datasheet HTML 34Page - STMicroelectronics ALED6000PHTR Datasheet HTML 35Page - STMicroelectronics ALED6000PHTR Datasheet HTML 36Page - STMicroelectronics ALED6000PHTR Datasheet HTML 37Page - STMicroelectronics ALED6000PHTR Datasheet HTML 38Page - STMicroelectronics ALED6000PHTR Datasheet HTML 39Page - STMicroelectronics ALED6000PHTR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
Table 8. Transfer function singularities
ωZ
ωRHPZ
ωLC
Buck boost
1C0⋅N⋅Rd
1−D2⋅V0
L⋅D⋅ILED
1−DL⋅C0
Floating boost
1C0⋅N⋅Rd
1−D2⋅V0
L⋅ILED
1−DL⋅C0
Table 9. Transfer function parameters
Q
G0
D
Buck boost
C0L⋅1−D⋅N⋅Rd
V0
D⋅ 1−D ⋅ RSNS
RSNS+N⋅Rd
V0V0+VIN
Floating boost
C0L⋅1−D⋅N⋅Rd
V01−D⋅ RSNS
RSNS+N⋅Rd
1−VINV0
This simplified model is based on the assumption that the output capacitor ESR is negligible compared to LED
dynamic resistance, Rd, and LED current sensing resistor, RSNS. Further, RSNS is assumed negligible compared
to the total LED dynamic resistance, N*Rd.
The closed loop transfer function is still given by Eq. (18), assuming for the power section the model summarized
in Eq. (39) .
The singularity ωRHPZ, computed at maximum load and minimum input voltage, is the limitation in the loop
bandwidth design (fBW). Typically the maximum bandwidth is designed to be lower than:
fBW=14⋅ωRHPZ2π
(40)
In case ωZ and ωLC are lower than the target bandwidth, a type II compensation network is necessary for loop
stabilization, following the compensation strategy described in Section 6.3 Compensation strategy.
Otherwise, in case a very low bandwidth design is suitable, a simple type I compensation network is required.
This approach is feasible if the target bandwidth is ¼ of fLC or lower.
Figure 34. Type I compensation network
EA
COMP
V REF
FB
V SNS
RSNS
RU
CF
ZF
ALED6000
Compensation strategy for alternative topologies
DS13018 - Rev 4
page 36/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com