công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ALED6000PHTR bảng dữ liệu(PDF) 34 Page - STMicroelectronics

tên linh kiện ALED6000PHTR
Giải thích chi tiết về linh kiện  Automotive 3 A single channel LED driver with integrated DC-DC converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED6000PHTR bảng dữ liệu(HTML) 34 Page - STMicroelectronics

Back Button ALED6000PHTR Datasheet HTML 30Page - STMicroelectronics ALED6000PHTR Datasheet HTML 31Page - STMicroelectronics ALED6000PHTR Datasheet HTML 32Page - STMicroelectronics ALED6000PHTR Datasheet HTML 33Page - STMicroelectronics ALED6000PHTR Datasheet HTML 34Page - STMicroelectronics ALED6000PHTR Datasheet HTML 35Page - STMicroelectronics ALED6000PHTR Datasheet HTML 36Page - STMicroelectronics ALED6000PHTR Datasheet HTML 37Page - STMicroelectronics ALED6000PHTR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
Figure 31. Floating-boost reference schematic
R9
33k
C7
100nF
R1
0
R16
100k
TP2
SYNCH
R17
22k
L2
4.7uH
R4
0
D2
BZX384-C40
TP10 GND
C11
1nF
Q1
3
2
L1
47uH
R6 4.7k
TP6
GND
C6
1uF
U1
A L E D 6 0 0 0
DIM
12
VIN_2
3
SS
6
SYNCH
7
FSW
10
ILIM
11
COMP
8
EN
5
FB
9
GND
16
VCC
4
LX_1
13
LX_2
14
VIN_1
2
VBIAS
1
BOOT
15
TP
17
C8
N.M.
+
C12
R5 N.M.
C5
4.7uF
TP7
ICGND
C9
33nF
TP5
EN
D1
STPS3L60
TP1
DIM
R12
100k
T1
1
3
R3 0
R13
1
R15
1k
TP4
VLED+
TP3
VIN
TP9
VLED-
C10 68nF
C3
N.M.
R7
22k
R8
47k
R2
0
VINF
VINF
Figure 31. Floating-boost reference schematic shows the schematic circuit for an LED current source based on
floating-boost topology. The expected input voltage is 13 V, with 5 V to 30 V range, and it can drive a string
composed of 10 white LEDs with 0.25 A DC.
This schematic also includes two additional circuits:
•
A level shifter network for proper dimming operation, since the ALED6000 local ground is different from the
board GND. This function is implemented by Q1, R15, R16 and R17. However, due to limited control loop
bandwidth, the dimming operation in floating-boost topology is quite limited in terms of minimum achievable
DIM pulse
•
An external overvoltage protection which avoids the IC damage in case of LED open row fault. This function
is implemented by a Zener diode, D2, R7 and the sensing resistor, RSNS = R13
In case the LED string is disconnected the maximum output voltage is given by:
VOUT,MAX=VFB+VD2
(38)
must be verified in order to avoid the ALED6000 to be exposed to electrical stress outside the allowed range (see
Table 5. Electrical characteristics for details).
The series resistor, R7, must be selected in order to limit the maximum current flowing through D2, as shown in
The compensation network design strategy for floating-boost topology is described in Section 8.4 Compensation
strategy for alternative topologies.
ALED6000
Floating boost
DS13018 - Rev 4
page 34/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com