công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH88F516P/044PR bảng dữ liệu(PDF) 97 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH88F516P/044PR
Giải thích chi tiết về linh kiện  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH88F516P/044PR bảng dữ liệu(HTML) 97 Page - SINOWEALTH Electronic Ltd

Back Button SH88F516P/044PR Datasheet HTML 93Page - SINOWEALTH Electronic Ltd SH88F516P/044PR Datasheet HTML 94Page - SINOWEALTH Electronic Ltd SH88F516P/044PR Datasheet HTML 95Page - SINOWEALTH Electronic Ltd SH88F516P/044PR Datasheet HTML 96Page - SINOWEALTH Electronic Ltd SH88F516P/044PR Datasheet HTML 97Page - SINOWEALTH Electronic Ltd SH88F516P/044PR Datasheet HTML 98Page - SINOWEALTH Electronic Ltd SH88F516P/044PR Datasheet HTML 99Page - SINOWEALTH Electronic Ltd SH88F516P/044PR Datasheet HTML 100Page - SINOWEALTH Electronic Ltd SH88F516P/044PR Datasheet HTML 101Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 105 page
background image
SH88F516(SH88F54/SH89F52)
97
11. Electrical Characteristics
Absolute Maximum Ratings*
DC Supply Voltage. . . . . . . . . . . . . . . . . . . . . -0.3V to +6.0V
DC Supply Voltage. . . . . . . . . . . . . . . .GND-0.3V to VDD+0.3V
Operating Ambient Temperature. . . . . . . . . . . . -40°C to +85°C
FLASH write/erase operating . . . . . . . . . . . . . . . . 0°C to +85°C
Storage Temperature. . . . . . . . . . . . . . . . . . . -55°C to +125°C
*Comments
Stresses exceed those listed under “Absolute Maximum
Ratings” may cause permanent damage to this device.
These are stress ratings only. Functional operation of this
device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied or intended. Exposure to the absolute maximum
rating conditions for extended periods may affect device
reliability.
DC Electrical Characteristics (VDD = 3.6 - 5.5V, GND = 0V, TA = +25°C, working in Quasi-Bi mode, unless otherwise specified)
Parameter
Symbol
Min.
Typ.
∗
Max.
Unit
Condition
Operating Voltage
VDD
3.6
5.0
5.5
V
30kHz
≤ f
OSC ≤ 16.6MHz
Operating Current
IOP
-
5
10
mA
fOSC = 16.6MHz,VDD = 5.0V
All output pins unload (including all digital input
pins
unfloating)
CPU
on
(execute
NOP
instruction), all other function block off
Stand by Current
(IDLE)
ISB1
-
25
35
µA
fOSC = 32.768kHz,VDD = 5.0V
All output pins unload (including all digital input
pins unfloating), all other function block off
-
3
5
mA
fOSC = 16.6MHz,VDD = 5.0V
All output pins unload (including all digital input
pins unfloating), all other function block off
Stand by Current
(Power-Down)
ISB2
-
-
10
µA
fOSC = 16.6MHz,VDD = 5.0V
All output pins unload(including all digital input
pins unfloating), CPU off (Power-Down), all
other function block off
WDT Current
IWDT
-
1
3
µA
VDD = 5.0V, All output pins unload, WDT on
LPD Current
ILPD
-
3
5
µA
VDD = 5.0V
Input Low Voltage
VIL
GND
-
0.2 X VDD
V
I/O Ports (all pin have schmitt trigger)
Input High Voltage
VIH
0.8 X VDD
-
VDD
V
I/O Ports (all pin have schmitt trigger)
Input Leakage Current
IIL
-1
-
1
µA
Input pad, VIN = VDD or GND (Input Only mode)
Output Leakage Current
IOL
-1
-
1
µA
Open-drain, VDD = 5.0V
VOUT = VDD or GND (Open-Drain mode)
Very weak Pull-high
Resistor
RPH1
-
300
-
k
Ω
VDD = 5.0V,VIN = GND
Weak Pull-high Resistor
RPH2
-
10
-
k
Ω
VDD = 5.0V,VIN = GND
Output High Voltage
VOH
VDD - 0.7
-
-
V
I/O Ports, IOH = -10mA, VDD = 5.0V
(Push-Pull mode)
Output Low Voltage
VOL
-
-
GND + 0.6
V
I/O Ports, IOL = 10mA, VDD = 5.0V
(Push-Pull mode)
Note:
1. “
∗” Data in “Typ.” Column is at 5.0V, 25°C, unless otherwise specified.
2. Maximum value of the supply current to VDD is 100mA.
3. Maximum value of the output current from GND is 150mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com