công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH88F516P/044PR bảng dữ liệu(PDF) 90 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH88F516P/044PR
Giải thích chi tiết về linh kiện  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH88F516P/044PR bảng dữ liệu(HTML) 90 Page - SINOWEALTH Electronic Ltd

Back Button SH88F516P/044PR Datasheet HTML 86Page - SINOWEALTH Electronic Ltd SH88F516P/044PR Datasheet HTML 87Page - SINOWEALTH Electronic Ltd SH88F516P/044PR Datasheet HTML 88Page - SINOWEALTH Electronic Ltd SH88F516P/044PR Datasheet HTML 89Page - SINOWEALTH Electronic Ltd SH88F516P/044PR Datasheet HTML 90Page - SINOWEALTH Electronic Ltd SH88F516P/044PR Datasheet HTML 91Page - SINOWEALTH Electronic Ltd SH88F516P/044PR Datasheet HTML 92Page - SINOWEALTH Electronic Ltd SH88F516P/044PR Datasheet HTML 93Page - SINOWEALTH Electronic Ltd SH88F516P/044PR Datasheet HTML 94Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 105 page
background image
SH88F516(SH88F54/SH89F52)
90
9.10 Warm-up Timer
9.10.1 Feature
 Built-in power on warm-up counter to eliminate unstable state of power on
 Built-in oscillator warm-up counter to eliminate unstable state when oscillation startup
SH88F516 has a built-in power warm-up counter; it is designed to eliminate unstable state after power on or to do some internal
initial operation such as read customer option etc.
SH88F516 has also a built-in oscillator warm-up counter, it is designed to eliminate unstable state when oscillator starts
oscillating in the following conditions: Power-on reset, Pin reset, LVR reset, Watchdog Reset and Wake up from Power-down
mode.
After power-on, SH88F516 will start power warm-up procedure first, and then oscillator warm-up procedure.
Power Warm-up Time
Power On Reset/
Pin Reset/
Low Voltage Reset
WDT Reset
(Not in Power-Down Mode)
WDT Reset
(Wakeup from Power-Down
Mode)
Wakeup from Power-Down
Mode
(Only for interrupt)
TPWRT
OSC
Warm up
TPWRT
OSC
Warm up
TPWRT
OSC
Warm up
TPWRT
OSC
Warm up
11ms
YES
1000CKs
NO
11ms
YES
1000CKs
NO
OSC Warm-up Time
Option:
OP_WMT
Oscillator Type
00
01
10
11
Ceramic
2
13 X Tosc
2
11 X Tosc
2
9 X Tosc
2
7 X Tosc
Crystal
2
17 X Tosc
2
15 X Tosc
2
13 X Tosc
2
11 X Tosc
32kHz Crystal
2
13 X Tosc
Internal RC
2
7 X Tosc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com