công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH88F516F/044FR bảng dữ liệu(PDF) 47 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH88F516F/044FR
Giải thích chi tiết về linh kiện  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH88F516F/044FR bảng dữ liệu(HTML) 47 Page - SINOWEALTH Electronic Ltd

Back Button SH88F516F/044FR Datasheet HTML 43Page - SINOWEALTH Electronic Ltd SH88F516F/044FR Datasheet HTML 44Page - SINOWEALTH Electronic Ltd SH88F516F/044FR Datasheet HTML 45Page - SINOWEALTH Electronic Ltd SH88F516F/044FR Datasheet HTML 46Page - SINOWEALTH Electronic Ltd SH88F516F/044FR Datasheet HTML 47Page - SINOWEALTH Electronic Ltd SH88F516F/044FR Datasheet HTML 48Page - SINOWEALTH Electronic Ltd SH88F516F/044FR Datasheet HTML 49Page - SINOWEALTH Electronic Ltd SH88F516F/044FR Datasheet HTML 50Page - SINOWEALTH Electronic Ltd SH88F516F/044FR Datasheet HTML 51Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 105 page
background image
SH88F516(SH88F54/SH89F52)
47
Mode3: Programmable Clock Output
A 50% duty cycle clock can be programmed to come out on T2 pin. To configure the Timer 2 as a clock generator, bit C/T2
———
must
be cleared and bit T2OE must be set. Bit TR2 starts and stops the timer.
In this mode T2 will output a 50% duty cycle clock.
]
2
,
2
[
65536
2
2
1
L
RCAP
H
RCAP
Clock
System
Frequency
Out
Clock
−
×
×
=
Timer2 overflow will not generate an interrupt, so it is possible to use Timer2 as a baud-rate generator and a clock output
simultaneously with the same frequency.
TR2
=0
=1
The Block Diagram of Programmable Clock output ( Mode 3 ) of Timer2
T2
T2OE
TL2
TH2
RCAP2L
RCAP2H
EXEN2
EXF2
0:Switch Off
1:Switch On
T2EX
C/ T2
C/ T2
/2
/2
System Clock
0:Switch Off
1:Switch On
Timer2 Interrupt
Request
0:Switch Off
1:Switch On
Note:
(1) Both TF2 and EXF2 can cause timer2 interrupt request, and they have the same vector address.
(2) TF2 and EXF2 are set as 1 by hardware while event occurs. But they can also be set by software at any time. Only the
software and the hardware reset will be able to clear TF2 & EXF2 to 0.
(3) When EA = 1 & ET2 = 1, setting TF2 or EXF2 as 1 will cause a timer2 interrupt.
(4) While Timer2 is used as baud rate generator, writing TH2/TL2, writing RCAPH2/RCAPL2 will affect the accuracy of baud
rate, thus might make cause communication error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com