công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH88F516F/044FR bảng dữ liệu(PDF) 46 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH88F516F/044FR
Giải thích chi tiết về linh kiện  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH88F516F/044FR bảng dữ liệu(HTML) 46 Page - SINOWEALTH Electronic Ltd

Back Button SH88F516F/044FR Datasheet HTML 42Page - SINOWEALTH Electronic Ltd SH88F516F/044FR Datasheet HTML 43Page - SINOWEALTH Electronic Ltd SH88F516F/044FR Datasheet HTML 44Page - SINOWEALTH Electronic Ltd SH88F516F/044FR Datasheet HTML 45Page - SINOWEALTH Electronic Ltd SH88F516F/044FR Datasheet HTML 46Page - SINOWEALTH Electronic Ltd SH88F516F/044FR Datasheet HTML 47Page - SINOWEALTH Electronic Ltd SH88F516F/044FR Datasheet HTML 48Page - SINOWEALTH Electronic Ltd SH88F516F/044FR Datasheet HTML 49Page - SINOWEALTH Electronic Ltd SH88F516F/044FR Datasheet HTML 50Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 105 page
background image
SH88F516(SH88F54/SH89F52)
46
Mode2: Baud-Rate Generator
Timer2 is selected as the baud rate generator by setting TCLK and/or RCLK in T2CON. The baud rates for transmit and receive
can be different if Timer 2 is used for the receiver or transmitter and Timer1 is used for the other.
Setting RCLK and/or TCLK will put Timer2 into its baud rate generator mode, which is similar to the auto-reload mode.
Over flow of Timer2 will causes the Timer2 registers to be reloaded with the 16-bit value in registers RCAP2H and RCAP2L that
preset by software. But this will not generate an interrupt.
If EXEN2 is set, a 1-to-0 transition in T2EX will set EXF2 but will not cause a reload. Thus when Timer 2 is used as a baud rate
generator, T2EX can be used as an extra external interrupt.
The baud rates in EUART0 Mode1 and 3 are determined by Timer2’s overflow rate according to the following equation.
RCAP2L]
[RCAP2H,
65536
Clock
System
X
2X16
1
BaudRate
−
=
; C/T2
———
= 0
RCAP2L]
[RCAP2H,
65536
frequency
T2
X
16
1
BaudRate
−
=
; C/T2
———
= 1
System Clock
TR2
C/ T2
0:Switch Off
1:Switch On
The Block Diagram of Baud-Rate Generator ( Mode 2 ) of Timer2
/16
/16
Timer1
overflow
/2
RCLK
=1
=0
TCLK
=1
=0
Receiver
CLK
SMOD
=0
=1
TL2
TH2
RCAP2L
RCAP2H
EXEN2
EXF2
T2EX
/2
T2
0:Switch Off
1:Switch On
Transiver
CLK
=0
=1
Timer2 Interrupt
Request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com