| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH79F3283P/044PR bảng dữ liệu(PDF) 12 Page - SINOWEALTH Electronic Ltd |
|
|
|||||||||||||||||||||||||||||
SH79F3283P/044PR bảng dữ liệu(HTML) 12 Page - SINOWEALTH Electronic Ltd |
|
12 / 144 page ![]() SH79F3283 12 Table 6.3 Flash control SFRs Mnem Add Name POR/WDT/LVR /PIN Reset Value Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 IB_OFF SET FBH Bank0 Low byte offset of flash memory for programming 00000000 IB_OFF SET.7 IB_OFF SET.6 IB_OFF SET.5 IB_OFF SET.4 IB_OFF SET.3 IB_OFF SET.2 IB_OFF SET.1 IB_OFF SET.0 IB_DATA FCH Bank0 Data Register for programming flash memory 00000000 IB_DATA.7 IB_DATA.6 IB_DATA.5 IB_DATA.4 IB_DATA.3 IB_DATA.2 IB_DATA.1 IB_DATA.0 IB_CON1 F2H Bank0 Flash Memory Control Register 1 00000000 IB_CON1.7 IB_CON1.6 IB_CON1.5 IB_CON1.4 IB_CON1.3 IB_CON1.2 IB_CON1.1 IB_CON1.0 IB_CON2 F3H Bank0 Flash Memory Control Register 2 ----0000 - - - - IB_CON2.3 IB_CON2.2 IB_CON2.1 IB_CON2.0 IB_CON3 F4H Bank0 Flash Memory Control Register 3 ----0000 - - - - IB_CON3.3 IB_CON3.2 IB_CON3.1 IB_CON3.0 IB_CON4 F5H Bank0 Flash Memory Control Register 4 ----0000 - - - - IB_CON4.3 IB_CON4.2 IB_CON4.1 IB_CON4.0 IB_CON5 F6H Bank0 Flash Memory Control Register 5 ----0000 - - - - IB_CON5.3 IB_CON5.2 IB_CON5.1 IB_CON5.0 XPAGE F7H Bank0 Memory Page -0000000 - XPAGE.6 XPAGE.5 XPAGE.4 XPAGE.3 XPAGE.2 XPAGE.1 XPAGE.0 FLASHCON A7H Bank0 Flash access control -------0 - - - - - - - FAC Table 6.4 WDT SFR Mnem Add Name POR/WDT/LVR /PIN Reset Value Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 RSTSTAT B1H Bank0 Watchdog Timer Control 0-000000* WDOF - PORF LVRF CLRF WDT.2 WDT.1 WDT.0 *Note: RSTSTAT initial value is determined by different RESET. Table 6.5 CLKCON SFRs Mnem Add Name POR/WDT/LVR /PIN Reset Value Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 CLKCON B2H Bank0 System Clock Control Register 111000-- 32k_ SPDUP CLKS1 CLKS0 SCMIF HFON FS - - SCMCON A1H Bank0 SCM Clock Control Register -----011 - - - - - SCK2 SCK1 SCK0 |