công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH79F3283P/044PR bảng dữ liệu(PDF) 82 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH79F3283P/044PR
Giải thích chi tiết về linh kiện  Enhanced 8051 Microcontroller with 12bit ADC
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F3283P/044PR bảng dữ liệu(HTML) 82 Page - SINOWEALTH Electronic Ltd

Back Button SH79F3283P/044PR Datasheet HTML 78Page - SINOWEALTH Electronic Ltd SH79F3283P/044PR Datasheet HTML 79Page - SINOWEALTH Electronic Ltd SH79F3283P/044PR Datasheet HTML 80Page - SINOWEALTH Electronic Ltd SH79F3283P/044PR Datasheet HTML 81Page - SINOWEALTH Electronic Ltd SH79F3283P/044PR Datasheet HTML 82Page - SINOWEALTH Electronic Ltd SH79F3283P/044PR Datasheet HTML 83Page - SINOWEALTH Electronic Ltd SH79F3283P/044PR Datasheet HTML 84Page - SINOWEALTH Electronic Ltd SH79F3283P/044PR Datasheet HTML 85Page - SINOWEALTH Electronic Ltd SH79F3283P/044PR Datasheet HTML 86Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 144 page
background image
SH79F3283
82
8.3 12-bit PWM0 (Pulse Width Modulation)
8.3.1 Feature
 Three complementary output with dead time control
 Provided overflow and duty interrupt function on every PWM period
 Selectable output polarity
 Fault detect function provided to disable PWM output immediately
 Lock register provided to avoid PWM control register to be unexpected change
The SH79F3283 has one 12-bit PWM module, which can provide the pulse width modulation waveform with the period and the
duty being controlled individually by corresponding register.
PWM timer can be turned to inactive state by the input of FLT pin automatically if EFLT is set
PWM timer also provides 1 interrupts for PWM0. This makes it possible to change period or duty of next cycle in every PWM period.
8.3.2 PWM Module Enable
Table 8.13 PWM Module Enable Register
CFH
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
PWMEN
EPWM0
EFLT
PWM01COE PWM01BOEPWM01AOE PWM0COE PWM0BOE PWM0AOE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7
EPWM0
12 bit PWM0 output enable bit
0: disable PWM0, shared as I/O
1: enable PWM0
6
EFLT
FLT pin configuration
0: general purpose I/O or SS
———
pin
1: PWM Fault Detect input pin
5-3
PWM01COE
PWM01BOE
PWM01AOE
12 bit PWM output PWM01x enable
0: PWM01x (x = A, B, C) output disable, shared as I/O
1: PWM01x output enable
2-0
PWM0COE
PWM0BOE
PWM0AOE
12 bit PWM output PWM0x enable
0: PWM0x (x = A, B, C) output disable, shared as I/O
1: PWM0x output enable
PWM output will be disabled at the same time when the PWM Enable register is clear to 0.
The main purpose of the FLT pin is to inactivate the PWM output signals and driver them into an inactive state. The action of
the FLT is performed directly in hardware so that when a fault occurs, it can be managed quickly and the PWM output are put
into an inactive state to save the power devices connected to the PWM. The FLT pin has no internal pull-high resistor.
If EFLT is set to 0, it means the level on FLT pin has no effect on PWM timer.
8.3.3 PWM Timer Lock Register
This register is used to control the change of PWM timer enable register, PWM control register and PWM period register and PWM
duty register. Only when the data in this register is #55h, it is possible to change these register. Otherwise they cannot be changed.
This register is to enhance the anti-noise ability of SH79F3283.
Table 8.14 PWM Timer Lock Register
E7H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
PWMLO
PWMLO.7 PWMLO.6 PWMLO.5 PWMLO.4 PWMLO.3 PWMLO.2 PWMLO.1 PWMLO.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-0
PWMLO[7:0]
PWM lock register
55h: enable to change PWM related registers
else: disable to change PWM related registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com