công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH79F166AF/044FR bảng dữ liệu(PDF) 78 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH79F166AF/044FR
Giải thích chi tiết về linh kiện  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AF/044FR bảng dữ liệu(HTML) 78 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AF/044FR Datasheet HTML 74Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 75Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 76Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 77Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 78Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 79Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 80Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 81Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 82Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 113 page
background image
SH79F166A
78
Transmission begins with a “write to SBUF” signal, and it actually commences at the next system clock following the next
rollover in the divide-by-16 counter (divide baud-rate by 16), thus, the bit times are synchronized to the divide-by-16 counter,
not to the “write to SUBF” signal. The start bit is firstly put out on TxD pin, then are the 8 bits of data. After all 8 bits of data in the
transmit shift register are transmitted, the stop bit is put out on the TxD pin, and the TI flag is set at the same time that the stop
is send.
Write to SBUF
Shift CLK
D0
D1
D2
D3
D4
D5
D6
D7
TxD
Stop
Start
TI
Send Timing of Mode 1
Reception is enabled only if REN is high. The serial port actually starts the receiving of serial data with the detection of a falling
edge on the RxD pin. For this purpose RxD is sampled at the rate of 16 times baud rate. When a falling edge is detected, the
divide-by-16 counter is immediately reset. This helps to align the bit boundaries with the rollovers of the divide-by-16
counter.The 16 states of the counter divide each bit time into 16ths. The bit detector samples the value of RxD at the 7
th, 8th and
9
th counter states of each bit time. The value accepted is the value that was seen in at least 2 of the 3 samples. This is done for
noise rejection. If the first bit after the falling edge of RxD pin is not 0, which indicates an invalid start bit, and the reception is
immediately aborted. The receive circuits are reset and again waiting for a falling edge in the RxD line. If a valid start bit is
detected, then the rest of the bits are also detected and shifted into the shift register. After shifting in 8 data bits and the stop bit,
the SBUF and RB8 are loaded and RI are set if the following conditions are met:
1. RI must be 0
2. Either SM2 = 0, or the received stop bit = 1
If these conditions are met, then the stop bit goes to RB8, the 8 data bits go into SBUF and RI is set. Otherwise the received
frame may be lost.
At the time, the receiver goes back to looking for another falling edge on the RxD pin. And the user should clear RI by software
for further reception.
Receive Timing of Mode 1
D0
D1
D2
D3
D4
D5
D6
D7
RxD
Stop
Start
Bit Sample
Shift CLK
RI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com