| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA320 bảng dữ liệu(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA320 bảng dữ liệu(HTML) 10 Page - STMicroelectronics |
|
10 / 37 page ![]() STA320 10/37 For example, SAI=1110 and SAIFB=1 would specify Right-Justified 16-bit data, LSB-First. Table 4 below lists the serial audio input formats supported by STA320 as related to BICKI = 32/48/64fs, where sampling rate fs = 32/44.1/48/88.2/96kHz. 5.2.3 Delay Serial Clock Enable Table 12. Supported Serial Audio Input Formats BICKI SAI (3...0) SAIFB Interface Format 32fs 1100 X I2S 15bit Data 1110 X Left/Right-Justified 16bit Data 48fs 0100 X I2S 23bit Data 0100 X I2S 20bit Data 1000 X I2S 18bit Data 0100 0 MSB First I2S 16bit Data 1100 1 LSB First I2S 16bit Data 0001 X Left-Justified 24bit Data 0101 X Left-Justified 20bit Data 1001 X Left-Justified 18bit Data 1101 X Left-Justified 16bit Data 0010 X Right-Justified 24bit Data 0110 X Right-Justified 20bit Data 1010 X Right-Justified 18bit Data 1110 X Right-Justified 16bit Data 64fs 0000 X I2S 24bit Data 0100 X I2S 20bit Data 1000 X I2S 18bit Data 0000 0 MSB First I2S 16bit Data 1100 1 LSB First I2S 16bit Data 0001 X Left-Justified 24bit Data 0101 X Left-Justified 20bit Data 1001 X Left-Justified 18bit Data 1101 X Left-Justified 16bit Data 0010 X Right-Justified 24bit Data 0110 X Right-Justified 20bit Data 1010 X Right-Justified 18bit Data 1110 X Right-Justified 16bit Data BIT R/W RST NAME DESCRIPTION 5 R/W 0 DSCKE Delay Serial Clock Enable: 0 – No serial clock delay 1 – Serial clock delay by 1 core clock cycle to tolerate anomalies in some I2S master devices |