công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RHRPM4423K02V bảng dữ liệu(PDF) 10 Page - STMicroelectronics

tên linh kiện RHRPM4423K02V
Giải thích chi tiết về linh kiện  Rad-hard 4.5 A dual inverting low-side MOSFET driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHRPM4423K02V bảng dữ liệu(HTML) 10 Page - STMicroelectronics

Back Button RHRPM4423K02V Datasheet HTML 6Page - STMicroelectronics RHRPM4423K02V Datasheet HTML 7Page - STMicroelectronics RHRPM4423K02V Datasheet HTML 8Page - STMicroelectronics RHRPM4423K02V Datasheet HTML 9Page - STMicroelectronics RHRPM4423K02V Datasheet HTML 10Page - STMicroelectronics RHRPM4423K02V Datasheet HTML 11Page - STMicroelectronics RHRPM4423K02V Datasheet HTML 12Page - STMicroelectronics RHRPM4423K02V Datasheet HTML 13Page - STMicroelectronics RHRPM4423K02V Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
7
Device description and operation
7.1
Overview
The RHRPM4423 is a dual inverting low-side driver, which charges and discharges big capacitive loads like
MOSFETs or IGBTs used in power supplies and DC-DC modules. The RHRPM4423 can sink and source 4.5 A on
each low-side driver branch but a higher driving current can be obtained by paralleling its outputs. Even though
this device has been designed to cope with loads requiring high peak current and fast switching time, the ultimate
driving capability depends on the power dissipation in the device, which must be kept below the power dissipation
capability of the package, see Section 8.2 Power dissipation. The RHRPM4423 uses VCC pin to supply and two
ground pins (SGND signal ground and PGND power ground) for return. SGND is used as reference ground for
the input stage and it can be connected to ground of the remote controller. PGND is the reference ground for the
output stage; SGND can bounce +/-5 V versus PGND so that PWM input pin common mode can range +/-5 V
versus PGND. The dual low-side driver has been designed to work with supply voltage in the range from 4.65 V to
18 V. Before VCC overcomes UVLO threshold (VUVLO), the RHRPM4423 keeps off both low-side MOSFETs
(OUTL_x outputs are grounded) then, after UVLO threshold has crossed, PWM input keeps the control of the
driver operations. Input pins (PWM_1 and PWM_2), which are CMOS/TTL compatible, can work with voltages up
to VCC.
7.2
Input stage
PWM inputs of the RHRPM4423 dual inverting low-side driver are compatible to CMOS/TTL levels with capability
to be pulled up to VCC. The relation between PWM_1 and PWM_2 input pins and the corresponding PWM output
are depicted in Figure 5. Time diagram. In the worst case, input levels above 2.0 V are recognized as high logic
values and values below 0.8 V are recognized as low logic values. Input-to-output propagation delays (tD), rise
(tR) and fall (tF) times have been designed to assure the operation in fast switching environment. The matching
between delays in the two branches of the RHRPM4423 assures symmetry in the operations and allows the
parallel output functionality. SGND input stage ground reference can bounce versus PGND +/-5 V.
When the VCC power supply is connected, a minimum delay time of tD_PWM_x must be guaranteed before driving
PWM_x inputs to let the internal circuitry be properly biased.
Figure 5. Time diagram
GIPD180120161051MT
7.3
Output stage
The RHRPM4423 output stage uses ST’s proprietary lateral DMOS. Both NDMOS and PDMOS have been sized
to exhibit high driving peak current as well as low on-resistance. When OUTL_x and OUTH_x are connected
together, the typical peak current is 4.5 A. The device features the adaptive anti-cross-conduction protection. The
RHRPM4423 continuously monitors the status of the internal NDMOS and PDMOS: in case of a PWM transition,
before the desired DMOS switches on, the device awaits until the other DMOS completely turns off. No static
current flows from VCC to ground.
RHRPM4423
Device description and operation
DS11827 - Rev 3
page 10/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com