| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LEOAD128 bảng dữ liệu(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LEOAD128 bảng dữ liệu(HTML) 15 Page - STMicroelectronics |
|
15 / 20 page ![]() 10 Ordering information Table 9. Ordering information Order code Quality Level Package Lead-finish Marking Packing LEOAD128PT-D Development sample TSSOP-20 NiPdAu DLEOAD128 Tape and reel LEOAD128PT Flight model TSSOP-20 NiPdAu LEOAD128 Tape and reel Table 10. Order code LEO AD128 P T LEO qualification Name TSSOP-20 package Tape and reel Figure 9. TSSOP-20 marking 1 B A C D E a F G H a: pin-1 reference A : Second Level of interconnexion (type of lead-finishing) B: ST logo C: Assy plant D: E: Marking area F: Country of origin G: Assy year H: Assy week Lot code LEOAD128 Ordering information DS13668 - Rev 2 page 15/20 |