| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT46C232 bảng dữ liệu(PDF) 23 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT46C232 bảng dữ liệu(HTML) 23 Page - Holtek Semiconductor Inc |
|
23 / 50 page ![]() HT46R232/HT46C232 Rev. 1.40 23 November 23, 2005 I 2C Bus Serial Interface I 2C Bus is implemented in the device. The I2C Bus is a bidirectional two-wire lines. The data line and clock line are implement in SDA pin and SCL pin. The SDA and SCL are NMOS open drain output pin. They must con- nect a pull-high resistor respectively. Using the I 2C Bus, the device has two ways to transfer data. One is in slave transmit mode, the other is in slave receive mode. There are four registers related to I 2C Bus; HADR([20H]), HCR([21H]), HSR([22H]), HDR([23H]). The HADR register is the slave address setting of the device, if the master sends the calling ad- dress which match, it means that this device is selected. The HCR is I 2C Bus control register which defines the device enable or disable the I 2C Bus as a transmitter or as a receiver. The HSR is I 2C Bus status register, it re- sponds with the I 2C Bus status. The HDR is input/output data register, data to transmit or receive must be via the HDR register. The I 2C Bus control register contains three bits. The HEN bit defines whether to enable or disable the I 2C Bus. If the data wants to transfer via I 2C Bus, this bit must be set. The HTX bit defines whether the I 2C Bus is in transmit or receive mode. If the device is as a trans- mitter, this bit must be set to ²1². The TXAK defines the transmit acknowledge signal, when the device received 8-bit data, the device sends this bit to I 2C Bus at the 9th clock. If the receiver wants to continue to receive the next data, this bit must be reset to ²0² before receiving data. The I 2C Bus status register contains 5 bits. The HCF bit is reset to ²0² when one data byte is being transferred. If one data transfer is completed, this bit is set to ²1². The HAAS bit is set ²1² when the address is match, and the I 2C Bus interrupt request flag is set to ²1². If the interrupt is enabled and the stack is not full, a subroutine call to location 10H will occur. Writing data to the I 2C Bus con- trol register clears HAAS bit. If the address is not match, this bit is reset to ²0². The HBB bit is set to respond the I 2C Bus is busy. It mean that a START signal is detected. This bit is reset to ²0² when the I2C Bus is not busy. It means that a STOP signal is detected and the I 2C Bus is free. The SRW bit defines the read/write command bit, if the calling address is match. When HAAS is set to ²1², the device check SRW bit to determine whether the de- vice is working in transmit or receive mode. When SRW bit is set ²1², it means that the master wants to read data from I 2C Bus, the slave device must write data to I2C Bus, so the slave device is working in transmit mode. When SRW is reset to ²0², it means that the master wants to write data to I 2C Bus, the slave device must read data from the bus, so the slave device is working in receive mode. The RXAK bit is reset ²0² indicates an ac- knowledges signal has been received. In the transmit mode, the transmitter checks RXAK bit to know the re- ceiver which wants to receive the next data byte, so the transmitter continue to write data to the I 2C Bus until the RXAK bit is set to ²1² and the transmitter releases the SDA line, so that the master can send the STOP signal to release the bus. The HADR bit7-bit1 define the device slave address. At the beginning of transfer, the master must select a de- vice by sending the address of the slave device. The bit 0 is unused and is not defined. If the I 2C Bus receives a start signal, all slave device notice the continuity of the 8-bit data. The front of 7 bits is slave address and the first bit is MSB. If the address is match, the HAAS status bit is set and generate an I 2C Bus interrupt. In the ISR, the slave device must check the HAAS bit to know the I 2C Bus interrupt comes from the slave address that has match or completed one 8-bit data transfer. The last bit of the 8-bit data is read/write command bit, it responds in SRW bit. The slave will check the SRW bit to know if the master wants to transmit or receive data. The device check SRW bit to know it is as a transmitter or receiver. Bit7~Bit1 Bit0 Slave Address ¾ ²¾² means undefined HADR (20H) Register The HDR register is the I 2C Bus input/output data regis- ter. Before transmitting data, the HDR must write the data which needs to be transmitted. Before receiving data, the device must dummy read data from HDR. Transmit or Receive data from I 2C Bus must be via the HDR register. At the beginning of the transfer of the I 2C Bus, the de- vice must initial the bus, the following are the notes for initialing the I 2C Bus: |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |