| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BW50RAM-3P032 bảng dữ liệu(PDF) 40 Page - Fuji Electric |
|
|
|||||||||||||||||||||||||||||
BW50RAM-3P032 bảng dữ liệu(HTML) 40 Page - Fuji Electric |
|
40 / 93 page ![]() Fuji Electric FA Components & Systems Co., Ltd./D & C Catalog Information subject to change without notice 06/40 BW63 -3P BW100 -2P BW100 -3P Mounting hole Trip button M4 or ø5 74 or more Insulation barrier Detachable Panel drilling Front panel cutting Terminal section CL ON 51 60 8 4 84 43 46 2.5 CL CL MCCB MCCB C L C L 50 72 75 CL CL 25 7 7 t6 M8 x 15 ø9 Mounting hole Trip button M4 or ø5 50 or more Insulation barrier Detachable Panel drilling Front panel cutting Terminal section CL CL 25 47.5 50 CL ON 51 60 8 4 84 43 46 2.5 CL CL CL CL MCCB MCCB 7 7 t6 M8 x 15 ø9 M5 x 14 for BW100EAG-2P050 Mounting hole Trip button M4 or ø5 74 or more Insulation barrier Detachable Panel drilling Front panel cutting Terminal section CL ON 51 60 8 4 84 43 46 2.5 CL CL MCCB MCCB C L C L 50 72 75 CL CL 25 Insulation barriers Standard provided: BW100EAG Optional: BW100AAG 7 7 t6 M8 x 15 ø9 M5 x 14 for BW100EAG-3P050 Molded Case Circuit Breakers G-TWIN series Dimensions / Standard n Dimensions, mm Front mounting, front connection |