công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BW50RAM-3P032 bảng dữ liệu(PDF) 90 Page - Fuji Electric

tên linh kiện BW50RAM-3P032
Giải thích chi tiết về linh kiện  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FUJI [Fuji Electric]
Trang chủ  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW50RAM-3P032 bảng dữ liệu(HTML) 90 Page - Fuji Electric

Back Button BW50RAM-3P032 Datasheet HTML 85Page - Fuji Electric BW50RAM-3P032 Datasheet HTML 86Page - Fuji Electric BW50RAM-3P032 Datasheet HTML 87Page - Fuji Electric BW50RAM-3P032 Datasheet HTML 88Page - Fuji Electric BW50RAM-3P032 Datasheet HTML 89Page - Fuji Electric BW50RAM-3P032 Datasheet HTML 90Page - Fuji Electric BW50RAM-3P032 Datasheet HTML 91Page - Fuji Electric BW50RAM-3P032 Datasheet HTML 92Page - Fuji Electric BW50RAM-3P032 Datasheet HTML 93Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 90 / 93 page
background image
06/90
Fuji Electric FA components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
Molded Case Circuit Breakers
G-TWIN series
External accessories
Type
No. of poles MCCB
Dimensions (mm)
Packing
quantity
Appearance
Transparent
Gray
A
B
C
BW9BTAA-L2
BW9BTAA-L2W
2
BW32 -2P
BW50 -2P
BW63 -2P
BW100 -2P
50
40
53
2
• Preventing exposure of live section
when amplifier's terminals are connected
• Snap-on mounting
BW9BTAA-L3
BW9BTAA-L3W
2, 3
BW32 -3P
BW50 -3P
BW63 -3P
BW100 -3P
75
40
53
2
BW9BTCA-L2
BW9BTCA-L2W
2
BW125JAG-2P
60
40
66.5
2
BW9BTCA-L3
BW9BTCA-L3W
2, 3
BW50HAG-2P
BW50HAG-3P
BW125RAG-2P
BW125HAG-2P
BW125 -3P
90
40
66.5
2
BW9BTCA-C3
–
2, 3
BW125RAG-2P
BW125 -3P
90
60
66.5
2
BW9BTCA-L4
BW9BTCA-L4W
4
BW125JAG-4P
BW125RAG-4P
120
40
66.5
2
BW9BTGA-L3 *1
BW9BTGA-L3W *1 2, 3
BW160 -2P
BW160 -3P
105
50
66.5
2
BW9BTGA-L4 *1
BW9BTGA-L4W *1 4
BW160 -4P
140
50
66.5
2
BW9BTGA-C3
–
2, 3
BW250 -2P
BW250 -3P
105
75
66.5
2
BW9BTGA-L3 *1
BW9BTGA-L3W *1 2, 3
BW250 -2P
BW250 -3P
105
50
66.5
2
BW9BTGA-L4 *1
BW9BTGA-L4W *1 4
BW250 -4P
140
50
66.5
2
BW9BTHA-L3 *2
BW9BTHA-L3W *1 2, 3
BW400 -2P
BW400 -3P
172
110
98
2
BW9BTHA-L4 *2
–
4
BW400 -4P
220
110
98
2
BW9BTJA-L3
BW9BTJA-L3W
3
BW630 -3P
BW800 -3P
230
135
97.5
2
BW9BTJA-L4
BW9BTJA-L4W
4
BW630 -4P
BW800 -4P
280
155
98
2
Terminal covers
n
Description
These terminal covers are used as guards to prevent
accidental touch with live line terminations.
These terminal covers can be fitted to either line or load side.
l
Up to 400AF
Short type: BW9BT
A-S
• Snap-on fitting
Long type: BW9BT
A-L
• Crimp connection use
l
630, 800AF
Long type: BW9BTJA-L
• Transparent
Short type
Long type
Long type
MCCB
C
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93