công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT24C02C bảng dữ liệu(PDF) 35 Page - Microchip Technology

tên linh kiện AT24C02C
Giải thích chi tiết về linh kiện  I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24C02C bảng dữ liệu(HTML) 35 Page - Microchip Technology

Back Button AT24C02C Datasheet HTML 31Page - Microchip Technology AT24C02C Datasheet HTML 32Page - Microchip Technology AT24C02C Datasheet HTML 33Page - Microchip Technology AT24C02C Datasheet HTML 34Page - Microchip Technology AT24C02C Datasheet HTML 35Page - Microchip Technology AT24C02C Datasheet HTML 36Page - Microchip Technology AT24C02C Datasheet HTML 37Page - Microchip Technology AT24C02C Datasheet HTML 38Page - Microchip Technology AT24C02C Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
B
A
0.10 C
0.10 C
(DATUM B)
(DATUM A)
C
SEATING
PLANE
12
N
2X
TOP VIEW
SIDE VIEW
NOTE 1
12
N
0.10
C A B
0.10
C A B
0.10 C
0.08 C
Microchip Technology Drawing C04-21355-Q4B Rev A Sheet 1 of 2
2X
8X
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
8-Lead Ultra Thin Plastic Dual Flat, No Lead Package (Q4B) - 2x3 mm Body [UDFN]
Atmel Legacy YNZ Package
© 2017 Microchip Technology Inc.
D
E
D2
E2
K
L
8X b
e
e
2
0.10
C A B
0.05
C
A
(A3)
A1
BOTTOM VIEW
AT24C01C/AT24C02C
Packaging Information
© 2018 Microchip Technology Inc.
Datasheet
DS20006111A-page 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45