công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT24C02C bảng dữ liệu(PDF) 32 Page - Microchip Technology

tên linh kiện AT24C02C
Giải thích chi tiết về linh kiện  I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24C02C bảng dữ liệu(HTML) 32 Page - Microchip Technology

Back Button AT24C02C Datasheet HTML 28Page - Microchip Technology AT24C02C Datasheet HTML 29Page - Microchip Technology AT24C02C Datasheet HTML 30Page - Microchip Technology AT24C02C Datasheet HTML 31Page - Microchip Technology AT24C02C Datasheet HTML 32Page - Microchip Technology AT24C02C Datasheet HTML 33Page - Microchip Technology AT24C02C Datasheet HTML 34Page - Microchip Technology AT24C02C Datasheet HTML 35Page - Microchip Technology AT24C02C Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
0.15 C D
2X
NOTE 1
1
2
N
TOP VIEW
SIDE VIEW
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
0.20 C
C
SEATING PLANE
A A2
A1
e
NX b
B
0.20
C A-B D
e1
D
E1
E1/2
E/2
E
D
A
0.20 C 2X
(DATUM D)
(DATUM A-B)
A
A
SEE SHEET 2
0.20 C
Microchip Technology Drawing C04-21344 Rev B Sheet 1 of 2
5-Lead Plastic Thin Small Outline Transistor (NMB) [TSOT]
Atmel Legacy Global Package Code TSZ
AT24C01C/AT24C02C
Packaging Information
© 2018 Microchip Technology Inc.
Datasheet
DS20006111A-page 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45