công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPFS250T-FCVG484I bảng dữ liệu(PDF) 36 Page - Microchip Technology

tên linh kiện MPFS250T-FCVG484I
Giải thích chi tiết về linh kiện  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T-FCVG484I bảng dữ liệu(HTML) 36 Page - Microchip Technology

Back Button MPFS250T-FCVG484I Datasheet HTML 32Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 33Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 34Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 35Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 36Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 37Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 38Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 39Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 128 page
background image
Table 37 • SD/SDIO Interface High-Speed Mode
Units
Max
Typ
Min
Symbol
Parameter
%
53
47
TDCSDHSCLK
SD device clock du-
ty cycle
ns
13.8
2.2
TSDHSCKO
Clock to output de-
lay, all outputs
UI
0.4
TSDHSDIVW
Input valid data
window
MHz
50
FSDHSCLK
High-speed mode
SD device clock fre-
quency
Table 38 • SD/SDIO Interface Standard Mode
Units
Max
Typ
Min
Symbol
Parameter
%
55
45
TDCSDHSCLK
SD device clock du-
ty cycle
ns
4.5
–2.0
TSDSCKO
Clock to output de-
lay, all outputs
ns
2.0
TSDSDCK
Input setup time,
all inputs
ns
2.0
TSDSCKD
Input hold time, all
inputs
KHz
400
FSDIDCLK
Clock frequency in
identification mode
MHz
19
FSDSCLK
Standard SD device
clock frequency
6.1.6
eMMC
The following tables describe the eMMC. The test conditions for eMMC standard mode use an 8 mA drive
strength, fast slew rate, and a 30 pF load (I/O voltage of 3 V/1.8 V/1.2 V). For eMMC high-speed mode, the
test conditions use a 12 mA drive strength, fast slew rate, and 30 pF load (I/O voltage of 3 V/1.8 V/1.2 V).
For other eMMC modes, the test conditions use a 12 mA drive strength, fast slew rate, and 15 pF load (I/O
voltage of 1.8 V/1.2 V)
Table 39 • eMMC Standard Interface
Units
Max
Typ
Min
Symbol
Parameter
%
55
45
TDCEMMCHSCLK
eMMC clock duty
cycle
ns
4.5
–2.0
TEMMCHSCKO
Clock to output de-
lay, all outputs
ns
2.0
TEMMCHSDCK
Input setup time,
all inputs
32
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com