công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPFS250T-FCVG484I bảng dữ liệu(PDF) 27 Page - Microchip Technology

tên linh kiện MPFS250T-FCVG484I
Giải thích chi tiết về linh kiện  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T-FCVG484I bảng dữ liệu(HTML) 27 Page - Microchip Technology

Back Button MPFS250T-FCVG484I Datasheet HTML 23Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 24Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 25Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 26Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 27Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 28Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 29Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 30Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 128 page
background image
IOH
2
Min (mA)
IOL
2
Min (mA)
VOH
1,3
Min (V)
VOL
Max (V)
VOL
Min (V)
VDDI
Max (V)
VDDI
Typ (V)
VDDI
Min (V)
I/O Stan-
dard
(VDDI – VO-
H)/48
VOL/48
0.5 × VDDI
1.26
1.2
1.14
POD12I
3,4
(VDDI – VO-
H)/34
VOL/34
0.5 × VDDI
1.26
1.2
1.14
POD12II
3,4
1. VOH is the single-ended high-output voltage.
2. The total DC sink/source current of all I/Os within a lane is limited as follows:
a. HSIO lane: 120 mA per 12 I/O buffers.
b. GPIO lane: 160 mA per 12 I/O buffers.
3. VOH_MAX is based on external pull-up termination (pseudo-open drain).
4. IOL/IOH units for impedance standards are in amps (not mA).
5.3.4
HSIO On-Die Termination
The following tables list the on-die termination calibration accuracy specifications for the HSIO bank.
Table 20 • Single-Ended (Internal Parallel) Thevenin Termination
Condition
Unit
Max (%)
Typ
Min (%)
VDDI = 1.8 V/1.5 V/1.35
V/1.2 V
Ω
20
50
–40
VDDI = 1.8 V
Ω
20
75
–40
VDDI = 1.8 V
Ω
20
150
–40
VDDI = 1.5 V/1.35 V
Ω
20
20
–20
VDDI = 1.5 V/1.35 V
Ω
20
30
–20
VDDI = 1.5 V/1.35 V
Ω
20
40
–20
VDDI = 1.5 V/1.35 V
Ω
20
60
–20
VDDI = 1.5 V/1.35 V
Ω
20
120
–20
VDDI = 1.2 V
Ω
20
60
–20
VDDI = 1.2 V
Ω
20
120
–20
Note: Thevenin impedance is calculated based on independent P and N as measured at 50% of VDDI. For 50
Ω/75 Ω/150 Ω cases, the nearest supported values of 40 Ω/60 Ω/120 Ω are used.
Table 21 • Single-Ended (Internal Parallel) Termination to VDDI
Condition
Unit
Max (%)
Typ
Min (%)
VDDI = 1.2 V
Ω
20
34
–20
23
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
DC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com