| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GMSM bảng dữ liệu(PDF) 2 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
GMSM bảng dữ liệu(HTML) 2 Page - Glenair, Inc. |
|
2 / 4 page ![]() Table II: Dimensions Layout A Max. B C Max. D Max. E Max. G Max. J Max. K L In. mm. In. ±.003 mm. ± 0.08 In. mm. In. mm. In. mm. In. mm. In. mm. In. ±.004 mm. ± 0.10 In. ±.010 mm. ± 0.25 4P .648 16.45 .478 12.11 .250 6.37 .135 3.42 .241 6.13 .364 9.25 .184 4.67 .250 6.35 .213 5.41 4S .648 16.45 .478 12.11 .309 7.85 .194 4.94 .241 6.13 .364 9.25 .197 5.00 .250 6.35 .213 5.41 6P .748 19.00 .578 14.65 .350 8.91 .135 3.42 .241 6.13 .364 9.25 .184 4.67 .250 6.35 .213 5.41 6S .748 19.00 .578 14.65 .409 10.40 .194 4.94 .241 6.13 .364 9.25 .197 5.00 .250 6.35 .213 5.41 10P .948 24.07 .777 19.73 .550 13.99 .135 3.42 .241 6.13 .364 9.25 .184 4.67 .250 6.35 .213 5.41 10S .948 24.07 .777 19.73 .609 15.47 .194 4.94 .241 6.13 .364 9.25 .197 5.00 .250 6.35 .213 5.41 15P 1.198 30.42 1.027 26.08 .800 20.34 .135 3.42 .241 6.13 .364 9.25 .184 4.67 .250 6.35 .213 5.41 15S 1.198 30.42 1.027 26.08 .859 21.82 .194 4.94 .241 6.13 .364 9.25 .197 5.00 .250 6.35 .213 5.41 20P 1.448 36.77 1.277 32.43 1.050 26.69 .135 3.42 .241 6.13 .364 9.25 .184 4.67 .250 6.35 .213 5.41 20S 1.448 36.77 1.277 32.43 1.109 28.17 .194 4.94 .241 6.13 .364 9.25 .197 5.00 .250 6.35 .213 5.41 25P 1.698 43.12 1.527 38.78 1.300 33.04 .135 3.42 .241 6.13 .364 9.25 .184 4.67 .250 6.35 .213 5.41 25S 1.698 43.12 1.527 38.78 1.359 34.52 .194 4.94 .241 6.13 .364 9.25 .197 5.00 .250 6.35 .213 5.41 30P 1.948 49.47 1.777 45.13 1.550 39.39 .135 3.42 .241 6.13 .364 9.25 .184 4.67 .250 6.35 .213 5.41 30S 1.948 49.47 1.777 45.13 1.609 40.87 .194 4.94 .241 6.13 .364 9.25 .197 5.00 .250 6.35 .213 5.41 35P 2.198 55.82 2.027 51.48 1.800 45.74 .135 3.42 .241 6.13 .364 9.25 .184 4.67 .250 6.35 .213 5.41 35S 2.198 55.82 2.027 51.48 1.859 47.22 .194 4.94 .241 6.13 .364 9.25 .197 5.00 .250 6.35 .213 5.41 Face View of Pin (Plug) Connector Face View of Socket (Receptacle) Connector Pin 1 Socket 1 J G L K #2-56 UNC 2B THDS. 2 PLCS. .100 (2.54) RADIUS .020 ( 0.51) Diameter .140 (3.55) GMSM Right Angle Single Row PCB Connector Low Profile Metal Shell Microminiature A E B C E TAIL LENGTH ± .015 (0.38) D A B C D E F G H J K L M N P Q © 2013 Glenair, Inc. High Performance Micro-D Connectors and Cables U.S. CAGE Code 06324 Printed in U.S.A. GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 www.glenair.com D-6 E-Mail: sales@glenair.com |