| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GMSM bảng dữ liệu(PDF) 1 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
GMSM bảng dữ liệu(HTML) 1 Page - Glenair, Inc. |
|
1 / 4 page ![]() Table I: Mounting Hardware NU SU TU, VU, WU, XU, YU No Jackpost, Threaded Insert In PCB Mounting Hole Jackpost With Threaded Insert Jackpost for Rear Panel Mounting Low Profile GMSM Single Row Micro Connectors offer mil spec design and performance in a smaller form factor for space savings. These GMSM connectors are shorter and occupy less board real estate than comparable two row Micro-D connectors. GMSM Connectors feature gold-plated TwistPin contacts, machined aluminum shells, and are fully potted with epoxy. Choose from 4 to 35 contacts. Available in a variety of finishes, socket connectors are fitted with Fluorosilicone interfacial seals. GMSM Right Angle Single Row PCB Connector Low Profile Metal Shell Microminiature How To Order GMSM Right Angle PCB Connector Sample Part Number GMSM 2- 10 P CBR SU 1 Series GMSM Shell Finish Aluminum Shell Stainless Steel Shell 1 - Cadmium 3 - Passivated 2 - Nickel 4 - Black Anodize 5 - Gold 6 - Chem Film Contact Layout 4, 6, 10, 15, 20, 25, 30, 35 (See Table II) Contact Type P - Pin S - Socket Termination Style CBR - Right Angle PCB Hardware Option NU - Threaded Insert Only, No Jackposts Rear Panel Jackposts with Threaded Inserts SU - Jackpost and Threaded Insert TU - 0.093" (2.4) Panel (See Table I) VU - 0.062" (1.6) Panel WU - 0.047" (1.2) Panel XU - 0.031" (0.8) Panel YU - 0.023" (0.6) Panel Tail Length 1 - .109 (2.8) 2 - .150 (3.8) 3 - .190 (4.8) 4 - .250 (6.3) A B C D E F G H J K L M N P Q © 2013 Glenair, Inc. High Performance Micro-D Connectors and Cables U.S. CAGE Code 06324 Printed in U.S.A. GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 www.glenair.com D-5 E-Mail: sales@glenair.com |
Số phần tương tự - GMSM |
|
Mô tả tương tự - GMSM |