công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H5AN4G4NAFR-RDC bảng dữ liệu(PDF) 35 Page - Hynix Semiconductor

tên linh kiện H5AN4G4NAFR-RDC
Giải thích chi tiết về linh kiện  4Gb DDR4 SDRAM Lead-Free&Halogen-Free (RoHS Compliant)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HYNIX [Hynix Semiconductor]
Trang chủ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5AN4G4NAFR-RDC bảng dữ liệu(HTML) 35 Page - Hynix Semiconductor

Back Button H5AN4G4NAFR-RDC Datasheet HTML 31Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 32Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 33Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 34Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 35Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 36Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 37Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 38Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 39Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
Rev. 1.3 / Mar.2016
34
NOTE :
1. This parameter is not subject to production test. It is verified by design and characterization. The package parasitic( L & C) are val-
idated using package only samples. The capacitance is measured with VDD, VDDQ, VSS, VSSQ shorted with all other signal pins
floating. The inductance is measured with VDD, VDDQ, VSS and VSSQ shorted and all other signal pins shorted at the die side(not
pin). Measurement procedure tbd
2. Package only impedance (Zpkg) is calculated based on the Lpkg and Cpkg total for a given pin where:
3. Package only delay(Tpkg) is calculated based on Lpkg and Cpkg total for a given pin where:
4. Z & Td IO applies to DQ, DM, TDQS_T and TDQS_C
5. This parameter applies to monolithic devices only; stacked/dual-die devices are not covered here
6. Absolute value of ZCK_t-ZCK_c for impedance(Z) or absolute value of TdCK_t-TdCK_c for delay(Td).
7. Absolute value of ZIO(DQS_t)-ZIO(DQS_c) for impedance(Z) or absolute value of TdIO(DQS_t)-TdIO(DQS_c) for delay(Td)
8. ZI & Td ADD CMD applies to A0-A13, ACT_n, BA0-BA1, BG0-BG1, RAS_n/A16, CAS_n/A15, WE_n/A14 and PAR.
9. ZI & Td CTRL applies to ODT, CS_n and CKE
10. This table applies to monolithic X4 and X8 devices.
11. Package implementations shall meet spec if the Zpkg and Pkg Delay fall within the ranges shown, and the maximum Lpkg and
Cpkg do not exceed the maximum values shown.
12. It is assumed that Lpkg can be approximated as Lpkg = Zo*Td.
13. It is assumed that Cpkg can be approximated as Cpkg = Td/Zo.
Zpkg(total per pin) =
Lpkg/Cpkg
Tdpkg(total per pin) =
Lpkg
Cpkg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45