| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H5AN4G4NAFR-RDC bảng dữ liệu(PDF) 27 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
H5AN4G4NAFR-RDC bảng dữ liệu(HTML) 27 Page - Hynix Semiconductor |
|
27 / 45 page ![]() Rev. 1.3 / Mar.2016 63 Table 8 - IDD4W, IDD4WA, IDD4WB and IDD4W_par Measurement-Loop Pattern1 NOTE : 1. DQS_t, DQS_c are used according to WR Commands, otherwise VDDQ. 2. BG1 is don’t care for x16 device 3. C[2:0] are used only for 3DS device 4. Burst Sequence driven on each DQ signal by Write Command. Data4 0 0 WR 0 1 1 0 1 1 0 0 0 0 0 0 0 0 0 D0=00, D1=FF D2=FF, D3=00 D4=FF, D5=00 D6=00, D7=FF 1 D 1 0 0 0 0 1 0 0 0 0 0 0 0 0 0 - 2,3 D#, D# 1 1 1 1 1 1 0 32 3 0 0 0 7 F 0 - 1 4 WR 0 1 1 0 1 1 0 1 1 0 0 0 7 F 0 D0=FF, D1=00 D2=00, D3=FF D4=00, D5=FF D6=FF, D7=00 5 D 1 0 0 0 0 1 0 0 0 0 0 0 0 0 0 - 6,7 D#, D# 1 1 1 1 1 1 0 32 3 0 0 0 7 F 0 - 2 8-11 repeat Sub-Loop 0, use BG[1:0]2 = 0, BA[1:0] = 2 instead 3 12-15 repeat Sub-Loop 1, use BG[1:0]2 = 1, BA[1:0] = 3 instead 4 16-19 repeat Sub-Loop 0, use BG[1:0]2 = 0, BA[1:0] = 1 instead 5 20-23 repeat Sub-Loop 1, use BG[1:0]2 = 1, BA[1:0] = 2 instead 6 24-27 repeat Sub-Loop 0, use BG[1:0]2 = 0, BA[1:0] = 3 instead 7 28-31 repeat Sub-Loop 1, use BG[1:0]2 = 1, BA[1:0] = 0 instead 8 32-35 repeat Sub-Loop 0, use BG[1:0]2 = 2, BA[1:0] = 0 instead For x4 and x8 only 9 36-39 repeat Sub-Loop 1, use BG[1:0]2 = 3, BA[1:0] = 1 instead 10 40-43 repeat Sub-Loop 0, use BG[1:0]2 = 2, BA[1:0] = 2 instead 11 44-47 repeat Sub-Loop 1, use BG[1:0]2 = 3, BA[1:0] = 3 instead 12 48-51 repeat Sub-Loop 0, use BG[1:0]2 = 2, BA[1:0] = 1 instead 13 52-55 repeat Sub-Loop 1, use BG[1:0]2 = 3, BA[1:0] = 2 instead 14 56-59 repeat Sub-Loop 0, use BG[1:0]2 = 2, BA[1:0] = 3 instead 15 60-63 repeat Sub-Loop 1, use BG[1:0]2 = 3, BA[1:0] = 0 instead |