công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM2182 bảng dữ liệu(PDF) 8 Page - AMtek SEMICONDUCTORS CO., LTD

tên linh kiện AM2182
Giải thích chi tiết về linh kiện  One Channel Reversible Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Trang chủ  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM2182 bảng dữ liệu(HTML) 8 Page - AMtek SEMICONDUCTORS CO., LTD

Back Button AM2182 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 10Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 11Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 12Page - AMtek SEMICONDUCTORS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AM2182
Motor Driver IC
A
AM
Mtte
ek
k s
se
em
miic
co
on
nd
du
uc
ctto
orrs
s
M
Ma
arr,, 2
20
01
14
4 V
V1
1..1
1
- 8 -
ETSSOP THERMALINFORMATION
The thermally enhanced ETSSOP package is based on the 20-pin ETSSOP, but includes a
thermal pad (see Figure 7) to provide an effective thermal contact between the IC and the
PCB. The Thermal-pad package (thermally enhanced ETSSOP) combines fine-pitch,
surface-mount technology with thermal performance comparable to much larger power
packages. The Thermal-pad package is designed to optimize the heat transfer to the PCB.
Because of the small size and limited mass of an ETSSOP package, thermal enhancement is
achieved by improving the thermal conduction paths that remove heat from the component.
The thermal pad is formed using a lead-frame design and manufacturing technique to provide
a direct connection to the heat-generating IC. When this pad is soldered or otherwise
thermally coupled to an external heat dissipater, high power dissipation in the ultra-thin,
fine-pitch, surface-mount package can be reliably achieved.
Thermal Methodology for the ETSSOP package
The thermal design for the ETSSOP part (e.g., thermal pad soldered to the board) should be
similar to the design in the following figures. The cooling approach is to conduct the
dissipated heat into the via pads on the board, through the vias in the board, and into a
heat-sink (aluminum bar) (if necessary).Figure 7 shows a recommended land on the PCB.
Figure 7 Recommended Via holes placement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12