| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F407IE bảng dữ liệu(PDF) 188 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F407IE bảng dữ liệu(HTML) 188 Page - STMicroelectronics |
|
188 / 204 page ![]() Application block diagrams STM32F405xx, STM32F407xx 188/203 DS8626 Rev 9 A.2 USB OTG high speed (HS) interface solutions Figure 96. USB controller configured as peripheral, host, or dual-mode and used in high speed mode 1. It is possible to use MCO1 or MCO2 to save a crystal. It is however not mandatory to clock the STM32F40xxx with a 24 or 26 MHz crystal when using USB HS. The above figure only shows an example of a possible connection. 2. The ID pin is required in dual role only. DP STM32F4xx DM VBUS VSS DM DP ID(2) USB USB HS OTG Ctrl FS PHY ULPI High speed OTG PHY ULPI_CLK ULPI_D[7:0] ULPI_DIR ULPI_STP ULPI_NXT not connected connector MCO1 or MCO2 24 or 26 MHz XT(1) PLL XT1 XI MS19005V2 |