| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F407IE bảng dữ liệu(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F407IE bảng dữ liệu(HTML) 19 Page - STMicroelectronics |
|
19 / 204 page ![]() DS8626 Rev 9 19/203 STM32F405xx, STM32F407xx Description 2.2 Functional overview Figure 5. STM32F40xxx block diagram 1. The camera interface and ethernet are available only on STM32F407xx devices. MS19920V4 GPIO PORT A AHB/APB2 140 AF PA[15:0] TIM1 / PWM 4 compl. channels (TIM1_CH1[1:4]N, 4 channels (TIM1_CH1[1:4]ETR, BKIN as AF RX, TX, CK, CTS, RTS as AF MOSI, MISO, SCK, NSS as AF 8 analog inputs common to the 3 ADCs VDDREF_ADC MOSI/SD, MISO/SD_ext, SCK/CK NSS/WS, MCK as AF TX, RX DAC1_OUT as AF ITF WWDG 4 KB BKPSRAM RTC_AF1 OSC32_IN OSC32_OUT VDDA, VSSA NRST 16b SDIO / MMC D[7:0] CMD, CK as AF VBAT = 1.65 to 3.6 V DMA2 SCL, SDA, SMBA as AF JTAG & SW Arm Cortex-M4 168 MHz NVIC ETM MPU TRACECLK TRACED[3:0] Ethernet MAC 10/100 DMA/ FIFO MII or RMII as AF MDIO as AF USB OTG HS DP, DM ULPI:CK, D[7:0], DIR, STP, NXT ID, VBUS, SOF DMA2 8 Streams FIFO SRAM 112 KB CLK, NE [3:0], A[23:0], D[31:0], OEN, WEN, NBL[3:0], NL, NREG, NWAIT/IORDY, CD INTN, NIIS16 as AF RNG Camera interface HSYNC, VSYNC PUIXCLK, D[13:0] USB OTG FS DP DM ID, VBUS, SOF AHB1 168 MHz @VDDA @VDDA POR/PDR BOR Supply supervision @VDDA PVD Int POR reset XTAL 32 kHz MAN A G T RTC RC HS RC L S PWR interface IWDG @VBAT AWU Reset & clock control P L L1&2 VDD = 1.8 to 3.6 V VSS VCAP1, VCPA2 Voltage regulator 3.3 to 1.2 V VDD Power managmt RTC_AF1 Backup register 2 channels as AF DAC1 DAC2 Flash up to 1 MB SRAM, PSRAM, NOR Flash, PC Card (ATA), NAND Flash External memory controller (FSMC) TIM6 TIM7 TIM2 TIM3 TIM4 TIM5 TIM12 TIM13 TIM14 USART2 USART3 UART4 UART5 SP3/I2S3 I2C1/SMBUS I2C2/SMBUS I2C3/SMBUS bxCAN1 bxCAN2 SPI1 EXT IT. WKUP D-BUS FPU SRAM 16 KB CCM data RAM 64 KB AHB3 AHB2 168 MHz NJTRST, JTDI, JTCK/SWCLK JTDO/SWD, JTDO I-BUS S-BUS DMA/ FIFO DMA1 8 Streams FIFO PB[15:0] PC[15:0] PD[15:0] PE[15:0] PF[15:0] PG[15:0] PH[15:0] PI[11:0] GPIO PORT B GPIO PORT C GPIO PORT D GPIO PORT E GPIO PORT F GPIO PORT G GPIO PORT H GPIO PORT I TIM8 / PWM 16b 4 compl. channels (TIM1_CH1[1:4]N, 4 channels (TIM1_CH1[1:4]ETR, BKIN as AF 1 channel as AF 1 channel as AF RX, TX, CK, CTS, RTS as AF 8 analog inputs common to the ADC1 & 2 8 analog inputs for ADC3 DAC2_OUT as AF 16b 16b SCL, SDA, SMBA as AF SCL, SDA, SMBA as AF MOSI/SD, MISO/SD_ext, SCK/CK NSS/WS, MCK as AF TX, RX RX, TX as AF RX, TX as AF RX, TX as AF CTS, RTS as AF RX, TX as AF CTS, RTS as AF 1 channel as AF smcard irDA smcard irDA 16b 16b 16b 1 channel as AF 2 channels as AF 32b 16b 16b 32b 4 channels 4 channels, ETR as AF 4 channels, ETR as AF 4 channels, ETR as AF DMA1 AHB/APB1 OSC_IN OSC_OUT XTAL OSC 4- 16MHz SP2/I2S2 NIORD, IOWR, INT[2:3] ADC3 ADC2 ADC1 Temperature sensor IF TIM9 16b TIM10 16b TIM11 16b smcard irDA USART1 irDA USART6 smcard @VDD @VDD @VDDA |