| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F407IE bảng dữ liệu(PDF) 187 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F407IE bảng dữ liệu(HTML) 187 Page - STMicroelectronics |
|
187 / 204 page ![]() DS8626 Rev 9 187/203 STM32F405xx, STM32F407xx Application block diagrams Figure 95. USB controller configured in dual mode and used in full speed mode 1. External voltage regulator only needed when building a VBUS powered device. 2. The current limiter is required only if the application has to support a VBUS powered device. A basic power switch can be used if 5 V are available on the application board. 3. The ID pin is required in dual role only. 4. The same application can be developed using the OTG HS in FS mode to achieve enhanced performance thanks to the large Rx/Tx FIFO and to a dedicated DMA controller. STM32F4xx VDD VBUS DP VSS PA9/PB13 PA12/PB15 PA11/PB14 DM GPIO+IRQ GPIO EN Overcurrent 5 V Pwr 5 V to VDD voltage regulator (1) VDD ID (3) PA10/PB12 OSC_IN OSC_OUT MS19002V3 Current limiter power switch(2) |